Electronic Components Datasheet Search
  English  ▼

X  

FR9765 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FR9765
Description  24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9765 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FR9765 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FR9765-1.0-MAR-2012
FR9765
85T
fitipower integrated technology lnc.
Typical Application Circuit
FR9765
7
EN
2
VIN
GND
SS
SW
3
VOUT
3.3V,3A
VIN
5V to 24V
FB
5
L1
4.7
μH
C6
22nF
C2
4
6 COMP
C1
22μF/25V
CERAMICX2
R1
26.1KΩ/1%
R2
10KΩ/1%
(optional)
47μF/6.3V
CERAMIC
C4
10nF
D1
B330A
NO CONNECT =
AUTOMATIC STARTUP
1
C3
0.1
μF
8
BS
C5
10nF
R3
5.6KΩ
VOUT = 0.925V × (1 +
)
R2
R1
Figure 2. Output 3.3V Application Circuit
FR9765
SS
GND
COMP
VIN
EN
BS
FB
SW
VIN
4.75V to 5V
VOUT
2.5V, 3A
22μF/25V
CERAMIC x 2
47μF/6.3V
CERAMIC
L1
4.7μH
C4 10nF
C5
10nF
R2
10KΩ/1%
R1
16.9KΩ/1%
NO CONNECT =
AUTOMATIC STARTUP
R3
5.6KΩ
1
2
3
4
5
6
7
8
C6
22nF
(optional)
C1
C2
C3
0.1μF
D1
B330A
D2
1N4148
VOUT = 0.925V × (1 +
)
R2
R1
Figure 3. Low Input Voltage Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com