Electronic Components Datasheet Search
  English  ▼

X  

FR9765 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9765
Description  24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9765 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9765 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FR9765-1.0-MAR-2012
FR9765
85T
fitipower integrated technology lnc.
Application Information (Continued)
I=0.3 IO T(MA
VIN VO T
VO T
FOSC I VIN
Where VIN is the maximum input voltage.
Compensation Components Selection
FR9765
COMP
C5
R3
Select the appropriate compensation value by
following procedure:
1. Calculate the R4 value with the following equation:
R4
2
CO T 0.1 FOSC VO T
G A GCS VR F
where GEA is the error amplifier voltage gain, and
GCS is the current sense gain.
2. Calculate the C5 value with the following equation:
C
4
2
R4 0.1 FOSC
External Boost Diode Selection
For 5V input or 5V output applications, it is
recommended to add an external boost diode.
This
helps improving efficiency.
The boost diode can be
a low cost one, such as 1N4148.
FR9765
VIN
BS
VIN
SW
D2
1N4148
5V
C4
This diode is also recommended for high duty cycle
operation (when duty cycle > 65%) and high output
voltage (VOUT > 12V) applications.
PCB Layout Recommendation
The
device’s
performance
and
stability
are
dramatically
affected
by
PCB
layout.
It
is
recommended to follow these general guidelines
shown as below:
1. Place the input capacitors and output capacitors
as close to the device as possible.
The traces
which connect to these capacitors should be as
short and wide as possible to minimize parasitic
inductance and resistance.
2. Place VIN bypass capacitors close to the VIN pin.
3. Place feedback resistors close to the FB pin.
4. Place compensation components close to the
COMP pin.
5. Keep the sensitive signal (FB, COMP) away from
the switching signal (SW).
6. The exposed pad of the package should be
soldered to an equivalent area of metal on the
PCB.
This area should connect to the GND
plane and have multiple via connections to the
back of the PCB as well as connections to
intermediate PCB layers.
The GND plane area
which connects to the exposed pad should be
maximized to improve thermal performance.
7. Multi-layer PCB design is recommended.
VIN
VOUT
SW
1
2
3
4
5
6
7
8
C4
L1
GND
C2
C1
R2
R1
C6
Exposed
Pad
D1
Figure 15. Block Diagram of FR9765



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com