Electronic Components Datasheet Search
  English  ▼

X  

FR9808 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FR9808
Description  21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9808 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FR9808 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FR9808-1.3-OCT-2012
FR9808
85T
fitipower integrated technology lnc.
21V, 4A, 500KHz Synchronous PWM-Buck
DC/DC Converter
Pin Assignments
SP Package (SOP-8 Expose pad )
SW
GND
SW
VIN
EN/SYNC
FB
VCC
BS
2
3
4
6
5
7
8
9
GND
1
Figure 1. Pin Assignment of FR9808
Ordering Information
Description
FR9808 is a high-efficiency synchronous step-down
DC/DC converter that employs a special process
technique to obtain very low RDS(ON) for the internal
metal
–oxide–semiconductor field-effect transistor
(MOSFET).
The input operation voltage is in a wide
4.75V to 21V, and continuous load current capability
is 4A.
Control circuit is designed by a particular
current mode which provides fast transient response
and eases loop stabilization.
This product has a very low standby current less
than 1μA in shutdown mode. When the EN/SYNC
pin voltage is less than 0.4V, FR9808 will turn off.
Fault protection includes over current protection
(OCP), under voltage lockout protection (UVLO) and
over temperature protection (OTP) function.
This high-efficiency current mode step-
down “Green
Power Converter” offers the standard SOP-8
package with an exposed pad.
Features
High Efficiency up to 90%
Internal MOSFET RDS(ON): 120mΩ/20mΩ
Internal Compensation
Input Operation Voltage Range: 4.75V to 21V
4A Continuous Output Current
Output Voltage down to 0.805V
500KHz Oscillation Frequency
Sync to External Clock from 300KHz to 800KHz
Cycle-by-Cycle Current Limit
Under Voltage Lockout
Over-Temperature Protection with Auto Recovery
<1μA Shutdown Current
Thermal Enhanced SOP-8 (Exposed Pad)
Package
RoHS Compliant
Applications
Networking equipment
OLPC, Netbook
Distributed power system
LCD monitor, TV, STB
External HDD
Security System
FR9808
□□□
G: Green
TR: Tape/Reel
Package Type
SP: SOP-8 (Exposed Pad)


Similar Part No. - FR9808

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9801S6CTR FITIPOWER-FR9801S6CTR Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9806SPGTR FITIPOWER-FR9806SPGTR Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results

Similar Description - FR9808

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com