Electronic Components Datasheet Search
  English  ▼

X  

FR9808 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9808
Description  21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9808 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9808 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FR9808-1.3-OCT-2012
FR9808
85T
fitipower integrated technology lnc.
Application Information
Output Voltage Setting
The output voltage VOUT is set using a resistive
divider from the output to FB.
The FB pin regulated
voltage is 0.805V.
Thus the output voltage is:
O T=0.805
1+
R1
R2
Table 1 lists recommended values of R1 and R2 for
most used output voltage.
Table 1
Recommended Resistance Values
VOUT
R1 (1%)
R2 (1%)
5V
30.9
kΩ
5.76
kΩ
3.3V
30.9
kΩ
9.76
kΩ
2.5V
4.99
kΩ
2.32
kΩ
1.8 V
4.99 kΩ
3.92 kΩ
1.2 V
4.99 kΩ
10 kΩ
Resistors R1 and R2 should be placed close to the
FB pin to prevent stray pickup.
Input Capacitor Selection
The use of the input capacitor is filtering the input
voltage ripple and the MOSFETS switching spike
voltage.
Because the input current to the step-down
converter is discontinuous, the input capacitor is
required to supply the current to the converter to
keep the DC input voltage.
The capacitor voltage
rating should be 1.25 to 1.5 times greater than the
maximum input voltage.
The input capacitor ripple
current RMS value is calculated as:
(RMS = O T
1
=
O T
Where D is the duty cycle of the power MOSFET.
This function reaches the maximum value at D=0.5
and the equivalent RMS current is equal to IOUT/2.
The following diagram is the graphical representation
of above equation.
A low ESR capacitor is required to keep the noise
minimum.
Ceramic capacitors are better, but
tantalum or low ESR electrolytic capacitors may also
suffice.
When
using
tantalum
or
electrolytic
capacitors, a 0.1
μF ceramic capacitor should be
placed as close to the IC as possible.
It is recommended that the input EC capacitor should
be added for applications if the FR9808 will suffer
high spike input voltage (ex. hot plug test).
It can
eliminate the spike voltage and induced the IC
damage from high input voltage stress (see Note1).
FR9808
C5
330
μF/25V
EC x1
VIN
VIN
18V to 21V
C1
22
μF/25V
MLCC x1
Output Capacitor Selection
The output capacitor is used to keep the DC output
voltage and supplies the load transient current.
When operating in constant current mode, the output
ripple is determined by four components:
R PPL
t = R PPL C t + R PPL SR t
+ R PPL ( SL t + O S t
The following figures show the form of the ripple
contributions.
VRIPPLE(ESR)(t)
+
VRIPPLE(ESL) (t)
+
VRIPPLE(C) (t)
4A
3A
2A
(t)
(t)
(t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com