Electronic Components Datasheet Search
  English  ▼

X  

CB61F Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CB61F
Description  Fast-acting surface mount Brick??fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB61F Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CB61F Datasheet HTML 1Page - Eaton All Rights Reserved. CB61F Datasheet HTML 2Page - Eaton All Rights Reserved. CB61F Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 4377
Effective May 2017
Supersedes January 2012
Product features
•
High Interrupting Ratings: 50A @ 125Vac / 300A @ 125Vdc
•
Wide Selection: ratings from 2 to 15 amps providing a range of
solutions for applications requiring fast-acting performance
•
CQC Approved: Meets the growing market demand.
•
cULus Certified and PSE Level 1 Certified
•
Excellent Environmental Integrity: lead-free, halogen free and
RoHS compliant, and present no disposal issues at end of life.
•
Solder immersion compatible
•
Wire-in-Air design
Applications
Primary circuit protection:
•
LCD/PDP TVs
•
Notebooks
•
Telecom/PoE
•
Industrial applications
•
LCD Monitors
•
Servers
•
Medical equipment
•
LCD backlight inverters
•
Power supplies
•
White goods
Agency information
•
cULus: Standard UL 248-14, Guide JDYX, File E 19180 and Guide
JDYX7, File E19180
•
PSE: JET 1641-31007-1003 (2A-5A),JET 1641-31007-1004
(6.3A-10A), JET 1641-31007-1005 (12-15A)
•
CQC: CQC09012040316 (2A-6.3A & 8A-10A)
Ordering
•
Specify product and packaging code
Environmental data
•
Mechanical Shock: MIL-STD-202G, Method 213B,
Test Condition C (100 G’s peak for 6 milliseconds;
half-sine waveform)
•
Mechanical Vibration: MIL-STD-202G, Method
201,Test Condition A (10-55Hz, 0.06 inch, total
excursion)
•
Insulation Resistance: MIL-STD-202, Method 302,
Test Condition A (after opening) 10,000 ohms
minimum
•
Resistance to Solder Heat: MIL-STD-202G, Method
210F, Test Condition D (10 sec, at 260°C); Test
Condition A (350°C, 5s) for hand solder
•
Thermal Shock: MIL-STD-202, Method 107G, Test
Condition B (-65°C to +125°C)
CB61F
Fast-acting surface mount Brick™ fuses Pb
HALOGEN
HF
FREE
Surface Mount Device
Specications
Current
Voltage
Interrupting
Typical Cold
Typical
Typical
Agency
Catalog
Ratings
Ratings
Ratings (amps)*
Resistance
Melting
Voltage
Approvals
Number
(amps)
Vac
Vdc
125Vac 125Vdc
(Ω)**
I2t (A2s)***
Drop (mV)‡
cULus
PSE
CQC
CB61F2A
2
125
125
100
300
0.039
0.85
100
X
X
X
CB61F3A
3
125
125
100
300
0.025
2.08
100
X
X
X
CB61F4A
4
125
125
100
300
0.017
4.4
93
X
X
X
CB61F5A
5
125
125
100
300
0.013
7.7
90
X
X
X
CB61F6.3A
6.3
125
125
100
300
0.010
13.7
90
X
X
X
CB61F7A
7
125
125
100
300
0.009
15.6
85
X
X
CB61F8A
8
125
125
100
300
0.008
19.5
90
X
X
X
CB61F10A
10
125
125
100
300
0.006
36
90
X
X
X
CB61F12A
12
125
125
50
300
0.005
40
90
X
X
CB61F15A
15
125
125
50
300
0.004
56
85
X
X
* AC Interrupting Rating (measured at designated voltage, 100% power factor); DC Interrupting Rating (measured at designated voltage, time constant of less than 50
microseconds, battery source)
** Typical Cold Resistance (measured at 10% of rated current)
*** Typical Melting I2t (measured with a battery bank at rated DC voltage, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (measured at rated current after temperature stabilizes)


Similar Part No. - CB61F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F10A COOPER-CB61F10A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
CB61F10A COOPER-CB61F10A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses CB61F Series
CB61F10A COOPER-CB61F10A Datasheet
387Kb / 3P
Fast-Acting SMD Brick Fuses CB61F Series
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
Fast-Acting SMD Brick Fuses CB61F Series
CB61F12A COOPER-CB61F12A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
More results

Similar Description - CB61F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
Raychem Fast Acting Surface-Mount Fuses
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
logo
Bourns Electronic Solut...
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
logo
Cooper Bussmann, Inc.
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
Brick??Fuses 1025FA Series, Fast-Acting
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com