Electronic Components Datasheet Search
  English  ▼

X  

CB61F Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CB61F
Description  Fast-acting surface mount Brick??fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB61F Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CB61F Datasheet HTML 1Page - Eaton All Rights Reserved. CB61F Datasheet HTML 2Page - Eaton All Rights Reserved. CB61F Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 4377
Effective May 2017
CB61F
Fast-acting surface mount Brick™ fuses
www.eaton.com/electronics
Dimensions - mm
Drawing Not to Scale
Recommended Pad Layout
Time-Current Curves
2A
3A
4A
6.3A 7A 8A 10A 12A 15A
1000
100
10
1
0.1
0.01
1
10
100
Current (A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com