Electronic Components Datasheet Search
  English  ▼

X  

FR97063 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FR97063
Description  23V, 1.2A, 600KHz Asynchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR97063 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FR97063 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FR97063-1.1-JUN-2012
FR97063
85T
fitipower integrated technology lnc.
Typical Application Circuit
FR97063
6.8
NOT USED
NC
2 VIN
GND
BS 1
SW
3
VOUT
3.3V
VIN
4.5V to 23V
FB
5
L1
4.7
μH
C4
C2
4
7
OFF ON
EN
C1
10μF/25V
CERAMIC
R1
30.9KΩ/1%
R2
10KΩ/1%
(optional)
22μF/6.3V
CERAMIC
C3
22nF
D1
B230A
Figure 2. Output 3.3V Application Circuit
Functional Pin Description
Pin Name
Pin No.
Pin Function
BS
1
Bootstrap.
A 22nF capacitor is connected between SW and BS pins to drive the power switch’s gate
above the supply voltage.
VIN
2
Power Supply Input.
Drive 4.5V~23V voltage to this pin to power on this chip.
Connect a 10µF ceramic
bypass capacitor between VIN and GND to eliminate noise.
SW
3
Switch Output.
Connect this pin to the switching end of the inductor.
GND
4
Ground.
This pin is the voltage reference for the regulated output voltage.
For this reason, care must be
taken in its layout.
FB
5
Feedback.
An external resistor divider from the output to GND, tapped to the FB pin sets the output
voltage.
NC
6, 8
No Connection.
EN
7
On/Off Control Input.
Pull EN above 1.2V and below 5V to turn the device on.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com