Electronic Components Datasheet Search
  English  ▼

X  

FR97063 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FR97063
Description  23V, 1.2A, 600KHz Asynchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR97063 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FR97063 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR97063 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FR97063-1.1-JUN-2012
FR97063
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=12V, TA=25℃, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Feedback Voltage
4.5V≦VIN≦23V
0.785
0.805
0.825
V
Switch-On Resistance (*)
250
mΩ
Switch Leakage
VEN=0V, VSW=0V
10
μA
Current Limit (*)
2.5
A
Oscillator Frequency
VFB=0.3V
480
600
720
KHz
Fold-Back Frequency
VFB=0V
120
KHz
Maximum Duty Cycle
85
%
Minimum On-Time (*)
100
ns
Under Voltage Lockout Threshold Rising
4.1
4.4
4.7
V
Under Voltage Lockout Threshold Hysteresis
250
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.2
V
EN Input Current
VEN=2V
2.0
μA
VEN=0V
0.1
Supply Current (Shutdown)
VEN=0V
10
μA
Supply Current (Quiescent)
VEN=2V, VFB=1V
2
mA
Thermal Shutdown (*)
150
°C
* Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com