Electronic Components Datasheet Search
  English  ▼

X  

2KB4015 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KB4015
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KB4015 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2KB4015 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2KB4015
1.Base
2.Collector
3.Emitter
4.Collector
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
4
1
2
3
0.250
Gauge Plane
0.66 (min)
0.84 (max)
Features
Collector Current Capability IC=-4A
Collector Emitter Voltage VCEO=-140V
Very low saturation voltages
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-180
Collector - Emitter Voltage
VCEO
-140
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-4
Peak Pulse Current
ICM
-10
Collector Power Dissipation
PC
3W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A


Similar Part No. - 2KB4015

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KB4004 KEXIN-2KB4004 Datasheet
1Mb / 3P
PNP Transistors
2KB4004-P KEXIN-2KB4004-P Datasheet
1Mb / 3P
PNP Transistors
2KB4004-Q KEXIN-2KB4004-Q Datasheet
1Mb / 3P
PNP Transistors
2KB4004-R KEXIN-2KB4004-R Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2KB4015

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com