Electronic Components Datasheet Search
  English  ▼

X  

2KB4015 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KB4015
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KB4015 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2KB4015 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
Typical Characterisitics
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0
2
1
.
0
1
0
.
01
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0
2
1
.
0
1
0
.
01
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0
2
1
.
0
1
0
.
01
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0
2
1
.
0
1
0
.
01
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0
2
1
.
0
1
0
.
0
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
VCE(sat) v IC
I -
Tamb=25°C
VCE(sat) v IC
I -
-55°C
+25°C
+175°C
-55°C
+25°C
+100°C
+175°C
I -
I -
hFE v IC
VBE(sat) v IC
I -
VBE(on) v IC
IC/IB=10
IC/IB=10
IC/IB=50
IC/IB=10
VCE=5V
VCE=5V
300
200
100
V
-
Safe Operating Area
0
0
0
1
1
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.001
0.001
0.001
0.001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com