Electronic Components Datasheet Search
  English  ▼

X  

SS-5F Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # SS-5F
Description  250 V Fast-acting subminiature fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SS-5F Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  SS-5F Datasheet HTML 1Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 2Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 3Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 4Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 2622
Effective July 2016
SS-5F
250 V Fast-acting subminiature fuse
www.eaton.com/electronics
Electrical characteristics
l
n
1l
n
min
hour
1.5l
n
max
minute
2ln
max
ms
800 mA - 10 A
4
10
2
Product specifications
Part number5
Current rating (A)
Voltage
rating (V
AC)
Interrupting
rating at rated
voltage1 (50 Hz)
AC (A
AC)
Typical DC cold
resistance2 (mΩ)
Typical melting3
I2t (A2s)
Typical
voltage drop4
(mV)
cULus
PSE+
SS-5F-800mA
0.8
250
50
225
1.24
300
X
SS-5F-1A
1.0
250
50
165.5
2.22
279
X
X
SS-5F-1.25A
1.25
250
50
116.5
3.83
244
X
X
SS-5F-1.6A
1.6
250
50
76
6.42
210
X
X
SS-5F-2A
2.0
250
50
55.5
9.35
194
X
X
SS-5F-2.5A
2.5
250
50
46
14.0
201
X
X
SS-5F-3.15A
3.15
250
50
31.5
22.5
168
X
X
SS-5F-4A
4.0
250
50
22.25
33.6
154
X
X
SS-5F-5A
5.0
250
50
16
53.7
154
X
X
SS-5F-6.3A
6.3
125
50
14.5
74.3
157
X
X
SS-5F-7A
7.0
125
50
11.4
107
133
X
X
SS-5F-8A
8.0
125
50
9.9
107
133
X
X
SS-5F-10A
10
125
50
6.5
146
109
X
X
1. Interrupting ratings: 800 mA to 10 A measured at 50 A, 95%-100% of PF on AC
2. Typical cold resistance measured at <10% of rated current
3. I2t value measured at 10I
n
4. Typical voltage drop measured at 20 °C ambient temperature at rated current
5. Part number definition: SS-5F-xxxA
SS-5F= Product code
xxxA= Ampere rating
xxxmA= Milliampere rating
Dimensions and packaging- mm [in]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com