Electronic Components Datasheet Search
  English  ▼

X  

SS-5F Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # SS-5F
Description  250 V Fast-acting subminiature fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SS-5F Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  SS-5F Datasheet HTML 1Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 2Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 3Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 4Page - Eaton All Rights Reserved. SS-5F Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data 2622
Effective July 2016
SS-5F
250 V Fast-acting subminiature fuse
www.eaton.com/electronics
Environmental data
Operating temperature: -40 °C to +125 °C (with derating)
Storage temperature: -10 °C to +40 °C
Solderability: EIA-186-9E Method 9
High Frequency Vibration: Withstands 10 Hz to 55 Hz per MIL-STD-202F, Method 201A
Temperature derating curve
Normal Operating Temperature: 25 °C ± 2 °C
Ordering Code
Part number
-BK option
-BK2 option
-AP option
SS-5F-800mA
SS-5F-800mA-BK
SS-5F-800mA-BK2
SS-5F-800mA-AP
SS-5F-1A
SS-5F-1A-BK
SS-5F-1A-BK2
SS-5F-1A-AP
SS-5F-1.25A
SS-5F-1-25A-BK
SS-5F-1-25A-BK2
SS-5F-1-25A-AP
SS-5F-1.6A
SS-5F-1-6A-BK
SS-5F-1-6A-BK2
SS-5F-1-6A-AP
SS-5F-2A
SS-5F-2A-BK
SS-5F-2A-BK2
SS-5F-2A-AP
SS-5F-2.5A
SS-5F-2-5A-BK
SS-5F-2-5A-BK2
SS-5F-2-5A-AP
SS-5F-3.15A
SS-5F-3-15A-BK
SS-5F-3-15A-BK2
SS-5F-3-15A-AP
SS-5F-4A
SS-5F-4A-BK
SS-5F-4A-BK2
SS-5F-4A-AP
SS-5F-5A
SS-5F-5A-BK
SS-5F-5A-BK2
SS-5F-5A-AP
SS-5F-6.3A
SS-5F-6-3A-BK
SS-5F-6-3A-BK2
SS-5F-6-3A-AP
SS-5F-7A
SS-5F-7A-BK
SS-5F-7A-BK2
SS-5F-7A-AP
SS-5F-8A
SS-5F-8A-BK
SS-5F-8A-BK2
SS-5F-8A-AP
SS-5F-10A
SS-5F-10A-BK
SS-5F-10A-BK2
SS-5F-10A-AP
Ordering codes
The ordering code is the part number replacing the “.” with a “-” plus adding the packaging suffix.
Packaging suffix
•
-BK (200 parts in polybag, Lead L= 4.3 ±0.3 mm)
•
-BK2 (200 parts in polybag, Lead L= 21 ±3.0 mm)
•
-AP (1000 parts Ammo pack, Pitch =12.7 mm)
Temperature in Degrees C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com