Electronic Components Datasheet Search
  English  ▼

X  

XVM Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # XVM
Description  16 V, 65 F module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  XVM Datasheet HTML 1Page - Eaton All Rights Reserved. XVM Datasheet HTML 2Page - Eaton All Rights Reserved. XVM Datasheet HTML 3Page - Eaton All Rights Reserved. XVM Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data 10105
Effective April 2019
XVM Supercapacitors
16 V, 65 F module
3
www.eaton.com/electronics
Dimensions- mm
M5 Terminal (2X)
38.78
236.0
21.5
45.8 34.0
41.8
70.6
70.6
4.40 Thru (6X)
6.0 (2X)
18.0 (2X)
27.5
32.0
77.5
CL
CL
Mechanical specifications
•
Terminal Screws: M5 Philslot,
Nickel-Plated Brass
MaxTorque4N•m
•
Mounting Points: Six, Brass Reinforced,
Accommodate M4 Screws,
Min Length 27.5 mm
MaxTorque4N•m
•
Mounting Orientation: No Restriction



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com