Electronic Components Datasheet Search
  English  ▼

X  

XVM Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # XVM
Description  16 V, 65 F module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  XVM Datasheet HTML 1Page - Eaton All Rights Reserved. XVM Datasheet HTML 2Page - Eaton All Rights Reserved. XVM Datasheet HTML 3Page - Eaton All Rights Reserved. XVM Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All Rights Reserved
Printed in USA
Publication No. 10105 BU-SB13542
April 2019
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use .
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2019 Eaton
Technical Data 10105
Effective October 2017
XVM Supercapacitors
16 V, 65 F module
Packaging information
•
Standard packaging: Bulk, 1 part per box
10 boxes per carton
Part marking
•
Manufacturer
•
Capacitance (F)
•
Working voltage (V)
•
Family code (or part number)
•
Polarity
Wiring configuration examples
+
+
+
+
+
+
+
+
Series*
32.4 V, 32.5 F, 20 A
+
+
Parallel
16.2 V, 130 F, 40 A
Series/parallel*
48.6 V, 43.3 F, 40 A
* Maximum operating voltage 640 V.
Part numbering system
XVM
-16R2
65
-R
Family Code
Voltage (V)
R = decimal
Capacitance (µF)
Standard product
Value
Multiplier
XVM = Family code
16R2 = 16.2 V
Example 656 = 65 x 106 (µF) or 65 F
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com