Electronic Components Datasheet Search
  English  ▼

X  

FP6795 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6795
Description  Low-Noise Boost DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6795 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6795 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FP6795-1.5-FEB-2012
5
FP6795
09A
85T
fitipower integrated technology lnc.
Typical Performance Curves
2.5
3.0
3.5
4.0
4.5
5.0
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1.2Mhz
Input Voltage (V)
640Khz
2.5
3.0
3.5
4.0
4.5
5.0
200
250
300
350
400
450
500
550
600
650
Input Voltage (V)
V
OUT
=12.5V
L=6.8uH
FREQ=640Khz
Figure 4.Switching Quiescent Current vs. Input Voltage
Figure 5. Maximum Output Current vs. Input Voltage
-40
-20
0
20
40
60
80
100
120
1.230
1.235
1.240
1.245
1.250
Junction Temperature
(
oC)
Figure 6. Frequency vs. Junction Temperature
Figure 7. Reference Voltage vs. Junction Temperature
1
10
100
1000
60
65
70
75
80
85
90
95
Freq.=1.2Mhz
Freq.=640Khz
Output Current (mA)
V
IN
=3.3V
V
OUT
=12.5V
Figure 8. Efficiency vs. Output Current
-40
-20
0
20
40
60
80
100
120
140
560
570
580
590
600
610
620
Junction Temperature (
o
C)
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com