Electronic Components Datasheet Search
  English  ▼

X  

FP6795 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6795
Description  Low-Noise Boost DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6795 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

  FP6795 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6795 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FP6795-1.5-FEB-2012
6
FP6795
09A
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
VIN=3.3V, VOUT=12.5V, FREQ=640kHz,COUT=33μF
VIN=3.3V, VOUT=12.5V, FREQ=1.2MHz,COUT=33μF
Figure 9. Load transient Response
Figure 10. Load transient Response
VIN=3.3V, VOUT=12.5V, IOUT=10mA , L=10μ , C3=33nF,
FREQ=640KHz, COUT=33μF
VIN=3.3V, VOUT=12.5V, IOUT=200mA , L=10μ ,C3=33nF,
FREQ=640KHz, COUT=33μF
Figure 11. Start-up Waveform with Soft-start
Figure 12. Start-up Waveform with Soft-start
200mA
10mA
200mA
10mA
VOUT
Inductor Current
VOUT
Inductor Current
ILoad
Output
Inductor Current
ILoad
Output
Inductor Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com