Electronic Components Datasheet Search
  English  ▼

X  

FP6801 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6801
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VDD=5V, TA=25ºC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
VDD Range
VDD
1.0
5.5
V
Supply Current
IDD
-VTH < 3.3V, VDD = 3.6V
2.5
5
µA
3.3V < -VTH < 4.7V, VDD = 5V
2.5
5
Reset Threshold
- VTH
0.98 x
(-VTH)
- VTH
1.02 x
(-VTH)
V
Hysteresis Width
VHYS
3%
5%
7%
Reset Threshold
Temperature Coefficient
(Note2)
50
ppm/ºC
Delay Time
TD
CD = 4.7nF, -VTH < 3.3V, VDD = 3.6V
20
27
34
ms
CD = 4.7nF, 3.3V < -VTH < 4.7V,
VDD = 5V
Output Current
IOUT
NCH, VDD =2.2V, VDS =0.5V
5
10
mA
PCH , VDD =4.8V, VDS =0.5V
3
6
Note 2:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com