Electronic Components Datasheet Search
  English  ▼

X  

FP6802 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6802
Description  High-Precision Voltage Detector with Ultra-Low Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6802 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6802 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 6Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FP6802-1.1-JUL -2009
FP6802
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings
● Supply Voltage (VDD to GND ) --------------------------------------------------------------------------- -0.3V to +6V
● OUT Voltage (Push-Pull) ---------------------------------------------------------------------------------- -0.3 to (V
DD +0.3V)
● OUT Voltage (Open Drain) -------------------------------------------------------------------------------- -0.3 to (V
DD +0.3V)
● Output Current ----------------------------------------------------------------------------------------------- +20mA
● Power Dissipation @ T
A=25°C (PD)
SOT-23 ----------------------------------------------------------------------------------------- +400mW
SC-82 ------------------------------------------------------------------------------------------- +200mW
● Package Thermal Resistance, (θ
JA)
SOT-23 ----------------------------------------------------------------------------------------- +250°C/W
SC-82 ------------------------------------------------------------------------------------------- +500°C/W
● Maximum Junction Temperature ------------------------------------------------------------------------- +150°C
● Storage Temperature Range (T
S) ------------------------------------------------------------------------ -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ----------------------------------------------------------------- +260°C
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (V
DD to GND ) ---------------------------------------------------------------------------- +1.0V to +5.5V
● Operation Temperature Range --------------------------------------------------------------------------- -40°C to +85°C
Electrical Characteristics
(VDD=5V, TA=25°C, unless otherwise specified.)
Parameter
Symbol Conditions
Min
Typ.
Max
Unit
VDD Range
VDD
1.0
5.5
V
Supply Current
IDD
-VTH < 3.3V, VDD = 3.6V
2.5
5
µA
3.3V < -VTH < 4.7V, VDD = 5V
2.5
5
Detection Threshold
- VTH
0.98x(-VTH)
- VTH
1.02x(- VTH)
V
Hysteresis Width
VHYS
3%
5%
7%
VTH
Detection Threshold Temperature
Coefficient (Note3)
TC
50
ppm/°C
Output Current
IOUT
NCH, VDD =2.2V, VDS =0.5V
5
10
mA
PCH , VDD =4.8V, VDS =0.5V
3
6
Delay Time (OUT inversion)
(Note3)
TD
Inverts from VDR to OUT
(Note2)
0.03
ms
Note 2:Release voltage: VDR= - VTH + VHYS
Note 3:The specification is guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com