Electronic Components Datasheet Search
  English  ▼

X  

FP6802 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6802
Description  High-Precision Voltage Detector with Ultra-Low Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6802 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6802 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6802 Datasheet HTML 6Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
FP6802-1.1-JUL -2009
FP6802
85T
fitipower integrated technology lnc.
High-Precision Voltage Detector
with Ultra-Low Quiescent Current
Pin Assignments
C8 Package (SC-82)
1
2
4
3
OUT
GND
VDD
NC
S3 Package (SOT-23-3)
1
2
3
OUT
GND
VDD
Figure 1. Pin Assignment of FP6802
SOT-23-3 Marking
Part Number
Product
Code
Part Number
Product
Code
FP6802-27NS3G
M9=
FP6802-27CS3G
N6=
FP6802-32NS3G
N2=
FP6802-32CS3G
N7=
FP6802-34NS3G
N3=
FP6802-34CS3G
N8=
FP6802-37NS3G
N4=
FP6802-35CS3G
N9=
FP6802-39NS3G
N5=
FP6802-37CS3G
R0=
FP6802-39CS3G
R1=
Ordering Information
FP6802-
□□□□□
SC-82 Marking
Part Number
Product
Code
FP6802-22NC8G
aT=
FP6802-27CC8G
R2=
FP6802-39CC8G
R3=
Description
The FP6802 asserts a reset signal whenever the
VDD supply voltage declines below a detection
threshold.
The detection threshold voltage is fixed
internally with accuracy of ± 2.0%.
The output detection signal is set to be active low.
That means when the power supply voltage is lower
than detection threshold, the OUT pin will turn low.
FP6802 has two different output forms, CMOS
output and N-channel open-drain output.
It is
available in space-saving SC-82 and SOT-23
packages.
Features
● Precision Monitoring of Power Supply Voltage
● Ultra-Low Supply Current at 2.5µA Typ.
● Operating Voltage Range from 1V to 5.5V
● ± 2.0% Detection Threshold Accuracy
● Reset Threshold Hysteresis: 5% Typ.
● Active Low Output
● Small Package : SC-82 and SOT-23
● RoHS Compliant
Applications
● TFT-LCD Panels
● Battery Powered Equipments
● Microprocessor Power Supply Monitoring
● Embedded Systems
● Automotive
TR: Tape / Reel
G: Green
Package Type
C8: SC-82
S3: SOT-23-3
Output Type
C: Push-Pull
N: Open-Drain
Detection Voltage
22: 2.2V
35: 3.5V
27: 2.7V
37: 3.7V
32: 3.2V
39: 3.9V
34: 3.4V


Similar Part No. - FP6802

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CC8G FITIPOWER-FP6801-21CC8G Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CC8P FITIPOWER-FP6801-21CC8P Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CS5G FITIPOWER-FP6801-21CS5G Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CS5P FITIPOWER-FP6801-21CS5P Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
More results

Similar Description - FP6802

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
New Japan Radio
NJU7700 NJRC-NJU7700 Datasheet
32Kb / 4P
low quiescent current voltage detector
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600_15 Datasheet
200Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
Ultra-Low Quiescent Current Voltage Regulator
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
Ultra-Low Quiescent Current Voltage Detector
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
Ultra-Small High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
Ultra-Small High-Precision Low Voltage Detector
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com