Electronic Components Datasheet Search
  English  ▼

X  

FB5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FB5000
Description  50 Amp. Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FB5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VF ' instantaneous forward voltage drop (V)
Characteristic Curves
Tj = 25ºC
1000
500
100
50
10
5
1
0.5
0
FB50
Tamb, ambient temperature (°C)
IF (AV)´ average forward current (A)
100
80
60
40
20
60
100
120
150
140
120
Number of cycles at 50Hz
1
2
4
6 10
20
40
60 100
300
100
0
0
0.4
0.8
1.2
1.6
20 30
5 0
40
2 0 4 0 6 0 8 0
10 0
0
40 0
50 0
0
20 40 5 0 60 80
130
120
140
160
600
60° 180°
DC
Interrelation between power dissipation and the max.
allowable ambient temperature.
10
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
Jan - 00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com