Electronic Components Datasheet Search
  English  ▼

X  

FB5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FB5000
Description  50 Amp. Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FB5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
• Glass Passivated Junction
• UL recognized under component
index file number E130180
• Terminals: FASTON
Lead and polarity identifications
High surge current capability
• Max. Mounting Torque: 25 Kg x cm
150 A
500 A
1250 A
2sec
– 55 to + 150 °C
– 55 to + 150 °C
FB 5000
50
20
FB5000........ FB5006
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Peak Recurrent Reverse Voltage (V)
Recommended Input Voltage (V)
Max. forward current R-load: At T case = 55
oC
Max. forward current R-l At T case = 90
oC
With Al Square Chassis (200 cm2 x 3 mm.)
Tamb = 45
oC
Recurrent peak forward current
10 ms. peak forward current
I2t value for fusing (t = 10 ms)
Operating temperature range
Storage temperature range
V
RRM
V
R
I
F(AV)
50 A
35 A
16 A
I
FRM
I
FSM
I2t
T
j
T
stg
Electrical Characteristics at Tamb = 25 °C
V
F
I
R
R
thj-c
Max. forward voltage drop per element at I
F = 25 A
Max. reverse current per element at V
RRM d.c.
Typical thermal resistance junction to case
Isolation voltage from case to leads
1.1 V
5 µ A
1.2 oC/W
2500 Vac
FB 5001
100
40
FB 5002
200
80
FB 5004
400
125
FB 5006
600
250
50 Amp. Glass Passivated Bridge Rectifier
Voltage
50 to 600 V
Current
50 A
Metal heat sink
0.8 ± 0.05
6.35 ± 0.05
Ø 2.5
Ø 5.21 + 0.1
–
0
Epoxy case
18.1
16.6
Jan - 00
35
Maximum RMS Voltage (V)
V
RMS
70
140
280
420


Similar Part No. - FB5000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FB50R07W2E3C36BPSA1 INFINEON-FB50R07W2E3C36BPSA1 Datasheet
935Kb / 23P
EasyPIM™ module with fast Trench/Fieldstop IGBT3 and emitter controlled 3 diode and PressFIT / NTC
Revision 1.10 2022-01-19
FB50R07W2E3_B23 INFINEON-FB50R07W2E3_B23 Datasheet
909Kb / 22P
EasyPIM™ module with fast Trench/Fieldstop IGBT3 and emitter controlled 3 diode and PressFIT / NTC
Revision 1.01 2022-09-16
FB50R07W2E3_C36 INFINEON-FB50R07W2E3_C36 Datasheet
935Kb / 23P
EasyPIM™ module with fast Trench/Fieldstop IGBT3 and emitter controlled 3 diode and PressFIT / NTC
Revision 1.10 2022-01-19
More results

Similar Description - FB5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
4 Amp. Glass Passivated Bridge Rectifier
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
8 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
4 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
50 AMP Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ5006L MCC-GBJ5006L Datasheet
471Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 600 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com