Electronic Components Datasheet Search
  English  ▼

X  

CCP2B Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CCP2B
Description  CUBEFuse??Compact Circuit Protector Base
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CCP2B Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CCP2B Datasheet HTML 1Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 2Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 3Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 4Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 5Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1161
Effective August 2018
CUBEFuse Compact Circuit Protector Base (CCP2B)
Eaton.com/bussmannseries
Specifications:
Switch amp ratings and rejection breaks
•
15, 20, 30, 40, 50, 60, 70, 90 and 100 A
Poles
•
1-, 2- and 3-poles
Volts
•
347 Vac (1-pole switches)
•
600 Vac (2- and 3-pole switches)
•
125 Vdc*
* Switch amp rating and installed fuse amp rating dependent, see catalog number
table for details.
Agency information
•
UL 98 Listed, Guide WHTY, File E302370
•
cULus to Canadian Standard 22.2 No. 4, Guide WHTY7,
File E302370
•
RoHS compliant
•
CE
Lineside bolt-on bus connector and torque
•
Bolt-mounted design fits into Quik-Spec Coordination Panelboard
bus
•
#10-32 UNC hex flange Phillips screw; 2.8 N•m (25 lb-in)
Loadside box lug terminal conductor data
•
See conductor table for details
Loadside fork terminal
•
Max. 30 A suitable for use with:
•
10-24 screw for switches up to 60 A
•
1/4-28 screw for switches from 70 to 100 A
Lockout/tagout
•
1/4” lock
Local open fuse indication light
•
Light illumination requires closed circuit and minimum 90 volts
Carton quantity and shipping weight
Item
Poles
lbs (kg)
up to 60 amp switches
6
1.7 (0.77)
70 to 100 amp switches
6
2.6 (1.18)
Environmental data
Storage and operating temperature -20°C to 75°C**
** For fuse performance under or above 25°C, consult fuse performance derating
charts.
Available Bussmann series fuses
UL fuse
class
Type/description
Volts
Data sheet no.
CF
Indicating time-delay, Low-
Peak™ CUBEFuse (6-100 A)
600 Vac/
300 Vdc
9000
Non-indicating time-delay,
Low-Peak CUBEFuse (1-100 A)
Non-indicating fast-acting
CUBEFuse (1-100 A)
600 Vac/dc 2147
Switch handle
Lockout/tagout provision
Loadside
fork
terminal
Loadside
box lug
terminal
Local open fuse
indication light
Lineside bolt-on
bus connector
Switch ON and OFF
symbols
CUBEFuse base
1-Pole
2-Pole
3-pole
CCP2B-1-_CF
CCP2B-2-_CF
CCP2B-3-_CF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com