Electronic Components Datasheet Search
  English  ▼

X  

CCP2B Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CCP2B
Description  CUBEFuse??Compact Circuit Protector Base
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CCP2B Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CCP2B Datasheet HTML 1Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 2Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 3Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 4Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 5Page - Eaton All Rights Reserved. CCP2B Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data 1161
Effective August 2018
CUBEFuse Compact Circuit Protector Base (CCP2B)
Eaton.com/bussmannseries
Box lug conductor data
Wire type
AWG range
Class
Quantity
Torque N•m (lb-in)
15 to 60 A switches
75°C Cu
4-6
Stranded, Class B to K
Single
3.95 (35)
8-18
2.26 (20)
6-8
Stranded, Class B/C
Dual
3.39 (30)
Stranded, Class K
2.26 (20)
10-18
Stranded, Class B to K
10-18
Solid
Single/dual
2.26 (20)
4-18
Stranded, UL ferrule, Class B/C
Single
3.39 (30)
6-18
Twin†
4-18
Stranded, UL ferrule, Class K
Single
2.82 (25)
6-18
Twin†
70 to 100 A switches
75°C Cu
12-18
Stranded, Class B to K
Single
2.26 (20)
10
2.82 (25)
8
4.52 (40
4-6
5.08 (45)
1-3
6.21 (55)
3-12
Stranded, Class B to K
Dual
3.95 (35)
12-18
Stranded, UL ferrule, Class B/C
Single
2.26 (20)
10
3.95 (35)
1-8
4.52 (40)
10-18
Twin†
2.26 (20)
6-8
2.82 (25)
10-18
Solid
Single
2.26 (20)
10-18
Dual
2.26 (20)
8-18
Class K
Single
2.26 (20)
1-6
3.39 (30)
3-10
Dual
5.08 (45)
8-18
Class K, UL ferrule
Single
2.26 (20)
1-6
3.39 (30)
6-18
Twin
2.26 (20)
† Two stranded conductors placed in one UL Listed twin ferrule.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com