Electronic Components Datasheet Search
  English  ▼

X  

GPCE048A Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPCE048A
Description  16-bit Sound Controller With 24K X 16 RO M
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE048A Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPCE048A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 15Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
GPCE048A
© Generalplus Technology Inc.
Proprietary & Confidential
14
Oct. 04, 2013
Version: 1.3
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Output Low Current
(PA[3:0], PB[7:0])
IOL
-
6
-
mA
VOL = 0.1VDDIO
Output Low Current
(PA[7:4])
IOL
-
15
-
mA
-
Input Pull-Low Resister
(PA15 :0, PB15 :8)
RPL
-
180
-
K
Ω
VIN = VDDIO
Input Pull-Low Resister
(PB[7:0])
RPL
-
1400
-
K
Ω
VIN = VDDIO
Input Pull-High Resister
(PA15 :0, PB15 :0)
RPH
-
160
-
K
Ω
VIN = VSS
7.4. ADC Characteristics (AVDD = 3.3V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
ADC LINE_IN Input Voltage Range from
IOB[7:0]
VINL (Note 1)
VSS-0.3
-
AVDD+0.3
V
ADC Microphone Input Voltage Range
VINM
VSS-0.3
-
AVDD+0.3
V
Resolution of ADC
RESO
-
-
12
bits
Signal-to-Noise Plus Distortion of ADC from
Line in
SINAD (Note 3)
-
60
-
dB
Effective Number of Bit
ENOB (Note 4)
8.0
9.0
-
bits
Integral Non-Linearity of ADC
INL
-
±
3.0
-
LSB (Note 2)
Differential Non-Linearity of ADC
DNL (Note 6)
-
±
1
-
LSB
AD Conversion Rate
FCONV
-
-
FCPU/256
Hz
Microphone Amplifier Gain
A MIC
-
-
42
dB
Note1: Internal protection diodes clamp the analog input to AVDD and VSS. These diodes allow the analog input to swing from (VSS-0.3V) to (AVDD+0.3V)
without causing damage to the devices.
Note2: LSB means Least Significant Bit. With VINL = 2.6V, 1LSB = 2.6V/2^12 = 0.635mV.
Note3: The SINAD testing condition at VINLp-p = 0.8*AVDD, FCONV = Fcpu/512 = 49MHz/256 = 192KHz, Fin=1.0KHz Sine waves at AVDD = 3.0V from the IOB
[7:0] input.
Note4: ENOB = (SINAD-1.76)/6.02.
Note5: The ADC of GPCE048A can guarantee 12 bits no missing code.
Note6: The microphone amplifier maximum gain = 15 * (60K/(1.5K+REXT) V/V. The REXT is external resistor between OPI and MICOUT. The gain is 132V/V
(=42dB) when REXT is 5.1K.
7.5. DAC Characteristics (AVDD = 3.3V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Resolution of DAC
RESO
-
-
14
bit
Signal to Noise Ratio of DAC
SNR
-
82
-
dB
Sample Rate
FS
-
-
400K
Hz
THD+N at FS
FOUT = 1K Hz
-
0.2
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com