Electronic Components Datasheet Search
  English  ▼

X  

GPCE048A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPCE048A
Description  16-bit Sound Controller With 24K X 16 RO M
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE048A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPCE048A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
GPCE048A
© Generalplus Technology Inc.
Proprietary & Confidential
9
Oct. 04, 2013
Version: 1.3
6.8. Special Function in Port
Port
Special Function
Function Description
Note
IOA0
IO_PWM
IO_PWM Output
Refer to Timer section
IOA1
IROUT
IR Output
-
IOA2
-
-
-
IOA3
-
-
-
IOA4
High driving I/O
-
-
IOA5
High driving I/O
-
-
IOA6
High driving I/O
-
-
IOA7
High driving I/O
-
-
Feedback Input1
-
Refer to below Example 1
IOA8
EXT1
External interrupt source 1 (negative edge triggered)
Set IOA8 as floating input mode
IOA9
Feedback Output1
Work with IOA8 by adding a RC circuit between them
to get an OSC to EXT1 interrupt
Set IOA9 as inverted output
Feedback Input2
-
Refer to below Example 1
IOA10
EXT2
External interrupt source 2 (negative edge triggered)
Set IOA10 as floating input mode
IOA11
Feedback Output2
Work with IOA10 by adding a RC circuit between them
to get an OSC to EXT2 interrupts
Set IOA11 as inverted output
IOA12
SPI CS
SPI chip select
Refer to SPI section
IOA13
SPI CK
SPI clock
Refer to SPI section
IOA14
SPI TX
SPI data output
Refer to SPI section
IOA15
SPI RX
SPI data input
Refer to SPI section
IOB0
AN0
ADC Channel 0
Refer to ADC section
IOB1
AN1
ADC Channel 1
Refer to ADC section
IOB2
AN2
ADC Channel 2
Refer to ADC section
IOB3
AN3
ADC Channel 3
Refer to ADC section
IOB4
AN4
ADC Channel 4
Refer to ADC section
IOB5
AN5
ADC Channel 5
Refer to ADC section
IOB6
AN6
ADC Channel 6
Refer to ADC section
IOB7
AN7
ADC Channel 7
Refer to ADC section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com