Electronic Components Datasheet Search
  English  ▼

X  

SP304ET Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP304ET
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP304ET Datasheet(HTML) 1 Page - Sipex Corporation

  SP304ET Datasheet HTML 1Page - Sipex Corporation SP304ET Datasheet HTML 2Page - Sipex Corporation SP304ET Datasheet HTML 3Page - Sipex Corporation SP304ET Datasheet HTML 4Page - Sipex Corporation SP304ET Datasheet HTML 5Page - Sipex Corporation SP304ET Datasheet HTML 6Page - Sipex Corporation SP304ET Datasheet HTML 7Page - Sipex Corporation SP304ET Datasheet HTML 8Page - Sipex Corporation SP304ET Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
77
Corporation
SIGNAL PROCESSING EXCELLENCE
SP304
RS-232/RS-422 Line Drivers/Receivers
s RS-232 and RS-422 on One Chip
s Multiple Drivers and Receivers
s Software-selectable Modes
s Loopback for Self-Testing
s Short-circuit Protected
s Single-width 24-pin DIP and 28–pin
SOIC Packages
DESCRIPTION…
The SP304 is an enhanced-performance version of the Sipex SP302 RS-232 and RS-422
protocol line drivers and receivers. It is pin-for-pin compatible with the SP302, and in any
configuration, fully meets the requirements of the EIA RS-232D and RS-422 data communication
standards. A loopback test mode is provided.The SP304 is available in 24-pin single width plastic
DIP, and 28-pin SOIC packages for commercial and industrial temperature range operation.
RIB1
ROB1
TOB1
TIB1
RIA1
ROA1
TOA1
TIA1
SELECT
A
B
TOA2
RIA2
TOB2
TIB2
RIB2
ROB2
VDD
GND
VCC
VEE
SP304
LOOP–
BACK
Corporation
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP304ET

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP3040CF WILLAS-SP3040CF Datasheet
360Kb / 2P
30.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
SeCoS Halbleitertechnol...
SP3040R SECOS-SP3040R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3042 LITTELFUSE-SP3042 Datasheet
2Mb / 4P
SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
SP3042-01WTG LITTELFUSE-SP3042-01WTG Datasheet
2Mb / 4P
SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
More results

Similar Description - SP304ET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
RS-232/RS-422 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com