Electronic Components Datasheet Search
  English  ▼

X  

SP304ET Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP304ET
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP304ET Datasheet(HTML) 4 Page - Sipex Corporation

  SP304ET Datasheet HTML 1Page - Sipex Corporation SP304ET Datasheet HTML 2Page - Sipex Corporation SP304ET Datasheet HTML 3Page - Sipex Corporation SP304ET Datasheet HTML 4Page - Sipex Corporation SP304ET Datasheet HTML 5Page - Sipex Corporation SP304ET Datasheet HTML 6Page - Sipex Corporation SP304ET Datasheet HTML 7Page - Sipex Corporation SP304ET Datasheet HTML 8Page - Sipex Corporation SP304ET Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
80
PIN ASSIGNMENTS
VDD (+12V) 1
RIA2 2
RIA1 3
TOA2 4
TOA1 5
SELECT A 6
SELECT B 7
TOB1 8
TOB2 9
RIB1 10
RIB2 11
GND 12
24 VCC (+5V)
23 ROA2
22 ROA1
21 TIA2
20 TIA1
19 LB
18 N.C.
17 TIB1
16 TIB2
15 ROB1
14 ROB2
13 VEE (-12V)
VDD (+12V) 1
RIA2 2
RIA1 3
N.C. 4
TOA2 5
TOA1 6
SELECT A 7
SELECT B 8
TOB1 9
TOB2 10
N.C. 11
RIB1 12
RIB2 13
GND 14
28 VCC (+5V)
27 ROA2
26 ROA1
25 N.C.
24 TIA2
23 TIA1
22 LB
21 N.C.
20 TIB1
19 TIB2
18 N.C.
17 ROB1
16 ROB2
15 VEE (-12V)
might result from low amplitude noise voltages
during slower-speed signal transitions.
A loopback test mode is provided that puts the
driver outputs to a high impedance tri-state
level, and routes the driver outputs to their
associated receiver inputs. In this configuration,
the signal path is non-inverting from the TTL
driver input to the receiver TTL output. This
operating mode allows the controlling system to
perform diagnostic self-test of the RS-232/
RS-422 driver/receiver circuitry at speeds up to
3,000 bits per second. In the loopback mode a
±13.2V input range may be applied to the re-
ceiver inputs with no interference to the loopback
test. In addition, the driver outputs are in a true
high–impedance state during loopback.
The SP304 is available in 24-pin single width
(0.300") plastic DIP and 28-pin SOIC packages,
for operation over the commercial and indus-
trial temperature ranges.
FEATURES…
The SP304 is a proprietary single-chip device
that contain both RS-232 and RS-422 protocol
line drivers and receivers. It is pin–for–pin com-
patible with the Sipex SP302. Like the SP302,
its configuration may be changed at any time by
logic levels on two control lines. In any configu-
ration, the SP304 fully meets the requirements
of both the EIA RS-232D and RS-422 data
communication standards. The SP304 enhance-
ments include improved isolation from external
signals and a true high–impedance driver output
in the loopback test mode, and no power up
sequence requirements.
The RS-232 line driver circuits convert TTL
logic level inputs into inverted RS-232 output
signals. The RS-422 line drivers convert TTL
logic levels into RS-422 differential output sig-
nals. The RS-422 line driver outputs feature
high source and sink current capability. All line
drivers are internally protected against short
circuits on their outputs.
The RS-232 receivers convert the EIA RS-232
input signals to inverted TTL output logic lev-
els. The RS-422 receivers convert the EIA RS-
422 differential input signals into non-inverted
TTL output logic levels. Receiver input filtering
provides excellent high frequency noise immu-
nity. Input pulses with widths less than 1
µs are
completely ignored. The RS-232 receivers have
the additional feature of voltage hysteresis, which
helps eliminate spurious output transitions that
USING THE SP304
POWER SUPPLIES
The SP304 requires
±12V and +5V for full
RS-232 and RS-422 operation. The
±12V sup-
plies set up the RS-232
±9V voltage swings, and
the +5V is used for the internal logic that for-
mats the communications mode and controls the
loopback function. The supply voltages can be
decreased to as low as
±7V for V
DD and VEE, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com