Electronic Components Datasheet Search
  English  ▼

X  

DAM60P20H Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM60P20H
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM60P20H Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM60P20H Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM60P20H Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM60P20H Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM60P20H Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode MOSFET
Features
VDSS = -20V
RDS(ON) Typ.6mΩ @ VGS = -4.5V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Applications
Notebook
Networking
Hand-Held Instruments
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
-20
V
Gate Source Voltage
VGS
±12
V
Drain Current Continuous
@ Tc = 25°C
ID
-60
A
@ Tc = 100°C
-38
Drain Current Pulsed@ TC = 25°C
IDM
-240
A
Maximum Power Dissipation
PD
62.5
W
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Thermal Resistance Junction to Case
RθJc
2
°C/W
Jun.2018
DAM60P20H
Note2
Thermal Resistance Junction to Ambient
RθJA
62
°C/W
Note2


Similar Part No. - DAM60P20H

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM60N100C DACO-DAM60N100C Datasheet
282Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM60N100G DACO-DAM60N100G Datasheet
246Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM60N100T DACO-DAM60N100T Datasheet
238Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM60N200C DACO-DAM60N200C Datasheet
523Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM60N200T DACO-DAM60N200T Datasheet
240Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAM60P20H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com