Electronic Components Datasheet Search
  English  ▼

X  

GPF8F Datasheet(PDF) 15 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 15 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 11Page - Generalplus Technology Inc. GPF8F Datasheet HTML 12Page - Generalplus Technology Inc. GPF8F Datasheet HTML 13Page - Generalplus Technology Inc. GPF8F Datasheet HTML 14Page - Generalplus Technology Inc. GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. GPF8F Datasheet HTML 16Page - Generalplus Technology Inc. GPF8F Datasheet HTML 17Page - Generalplus Technology Inc. GPF8F Datasheet HTML 18Page - Generalplus Technology Inc. GPF8F Datasheet HTML 19Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
15
Aug. 03, 2018
Version: 1.1
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
Dynamic range
Boost gain = 0 dB, PGA = 0 dB
DR
-
86
-
dB
Total harmonic distortion + noise
Boost gain = 0 dB, PGA = 0 dB
THD+N
-
-63
-
dB
Total harmonic distortion + noise
Boost gain = 21 dB, PGA = 0 dB
THD+N
-
-63
-
dB
8.5 DAC Characteristics (VDD_DAC = 5.0V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
DAC Resolution
RESO
-
-
16
bit
THD+n (4.5V @0.7W)
THD+N
-
1
-
%
Noise at No Signal
SNR
-
-92
-
dBr A
Dynamic Range(-60dB)
DR
-
-93
-
dBr A
8.6 Regulator Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min. Typ.
Max.
Input Voltage
VREGI
2.2
-
5.5
V
Maximum Current Output
(V18_REGO)
IREGO
-
-
40
mA
VDD_REGIN (Regulator in )= 4.5V,
VDD (Regulator
out ) <100mV
Output Voltage(V18_REGO)
VREGO 1.62
1.8
1.98
V
Maximum Current Output
(V33_REGO)
IREGO
-
-
40
mA
VDD_REGIN (Regulator in )= 4.5V,
VDD (Regulator
out ) <100mV
Output Voltage(V33_REGO)
VREGO 2.97
3.3
3.46
V
Maximum Current Output
(V33ADC_REGO)
IREGO
-
-
10
mA
VDD_REGIN (Regulator in )= 4.5V,
VDD (Regulator
out ) <100mV
Output Voltage (V33ADC_REGO)
VREGO 2.79
3.1
3.25
V
Standby Current
IRGES
-
5
-
uA
8.7 IOH vs VDD(VDD_IOA or VDD_IOB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com