Electronic Components Datasheet Search
  English  ▼

X  

BSPD Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Data 10209
Effective April 2017
Supersedes December 2016
BUSSMANN
SERIES
BSPD Surge Protective Devices
High capacity Type 1 and Type 2 SPDs for overvoltage
protection on switchgear and power distribution panels
Contents
Description
Page
Introduction
2
Applications
2
Features
2
Standards and certifications
2
Configuration
3
Enclosure options, dimensions, and weights
3
Voltage protection ratings
4-5
Specifications
6
Catalog number system
7
Technical support information
7


Similar Part No. - BSPD

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BSPD120208Y1K COOPER-BSPD120208Y1K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
BSPD120208Y1P COOPER-BSPD120208Y1P Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
BSPD120208Y2K COOPER-BSPD120208Y2K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
BSPD120208Y2P COOPER-BSPD120208Y2P Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
BSPD120208Y3K COOPER-BSPD120208Y3K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
logo
TDK Electronics
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
fujitsu semiconductor
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
POWER RELAY 1 POLE - High Capacity 32A Type
logo
Cooper Bussmann, Inc.
BSPD200480D2K COOPER-BSPD200480D2K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
TDK Electronics
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
On-board type, Non-dimming, 9W, For 1 and 2 bulbs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com