Electronic Components Datasheet Search
  English  ▼

X  

BSPD Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Data 10209
Effective April 2017
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Eaton.com/bussmannseries
Dimensions - in (mm) and weights
Figure 1. NEMA 1, 120kA-200kA Units,
Weight = 6.8 Lbs (3.1 kg)
Figure 2. NEMA 1, 300kA-400kA Units,
Weight = 13.5 Lbs (6.1 kg)
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
3.48
(88.4)
4.41
(112.0)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.68
(17.3)
7.28
(184.9)
5.27
(133.9)
1.00
(25.4)
11.25
(285.8)
7.47
(189.7)
0.40
(10.2)
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
5.76
(146.3)
6.69
(169.9)
0.40
(10.2)
7.47
(189.7)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.67
(17.0)
5.47
(138.9)
1.00
(25.4)
11.25
(285.8)
Figure 3. NEMA 4X, 120kA-400kA Units,
Weight = 120-200kA; 14.6 Lbs (6.6 kg),
250-400kA; 21.0 Lbs (9.5 kg)
A
B
120-200kA
2.60 (66.0)
5.39 (137.0)
250-400kA
4.10 (104.1)
7.68 (195.0)
Feature
Configuration
Basic
(Type 1)
Standard
(Type 2)
Standard
with
Surge Counter
(Type 2)
Surge protection using
thermally protected MOV
technology
X
X
X
Green and red LED
protection status indicators
for each phase
X
X
X
Green and red LED
protection status indicators
for the Neutral-to-Ground
protection mode (Wye
systems only)
X
X
X
Audible alarm with silence
button
X
X
Form C relay contact
X
X
EMI/RFI filtering, providing
up to 50dB of noise
attenuation from 10kHz to
100MHz
X
X
Surge counter with reset
button held in nonvolatile
memory
X
Enhanced protection status indicators
Unlike many SPDs that only have single-color indicators, all BSPD
units include green and red Light Emitting Diodes (LEDs) that
indicate the true protection status for each phase.
If power is removed from any one phase, the unit’s LEDs continue
to indicate the protection status on that phase — regardless if power
is applied to the phase. This feature ensures proper indication.
Although many SPDs on the market have N-G surge protection,
they do not always have a means of monitoring and indicating the
protection status of that mode. All BSPD units for Wye systems also
contain green and red LED surge protection status indicators for the
Neutral-to-Ground (N-G) connection. Like the phase protection status
LEDs, the N-G protection status LEDs show the true protection
status in the N-G mode.
By specifying the BSPD Series, users are supplied with accurate
information concerning the surge protection status of their electrical
systems.
Configurations
The BSPD Series provides users with three configurations. These
are:
•
Basic (UL Type 1 - can be installed in UL Type 2 locations)
•
Standard (UL Type 2)
•
Standard with Surge Counter (UL Type 2)
The proper configuration can be selected based on application
requirements or specification.
Table 1. Configuration comparisons



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com