Electronic Components Datasheet Search
  English  ▼

X  

KCZ Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # KCZ
Description  250 V and 600 V cable limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KCZ Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  KCZ Datasheet HTML 1Page - Eaton All Rights Reserved. KCZ Datasheet HTML 2Page - Eaton All Rights Reserved. KCZ Datasheet HTML 3Page - Eaton All Rights Reserved. KCZ Datasheet HTML 4Page - Eaton All Rights Reserved. KCZ Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data 1042
Effective February 2019
Cable limiters
Eaton.com/bussmannseries
Tube-to-tube terminals:
•
Copper or aluminum conductor — see catalog number table for details
Catalog number
Copper cable size Aluminum cable size
A
B
C
D
E
KCY
4 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
KCZ
3 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.34 (8.7)
0.28 (7.1)
KCA
2 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
KCB
1 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
KCC
1/0 AWG
—
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
KCD*, †
2/0 AWG
—
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.44 (14.3)
0.70 (11.1)
KCE
3/0 AWG
—
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
KCF
4/0 AWG
—
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.34 (17.5)
0.55 (14.0)
KCH
250 kcmil
—
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
KCJ*†
350 kcmil
—
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.9)
KCM*, †, ††
500 kcmil
—
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
KCV
600 kcmil
—
3.5 (88.9)
3.08 (78.2)
1.88 (47.6)
1.155 (29.3)
0.92 (23.4)
KCR*, †
750 kcmil
—
3.5 (88.9)
3.75 (95.25)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
CDA-W*
—
750 kcmil
4.0 (102)
3.01 (78)
1.88 (47.6)
1.59 (40.5)
1.03 (26.2)
KCS
1000 kcmil
—
5.0 (127.0)
3.75 (95.25)
2.5 (63.5)
1.56 (39.7)
1.22 (31.0)
* UL Listed, File E90818, 600 Vac, 200 kA IR.
† Available with shrink tube “–V” suffix.
††Available with molded rubber boot “-B” suffix. Order catalog no. “KCM-B.” Boot can be purchased separately, order Part# - BOOT-KCM
B
A
A
C
E
D
600 V K Series
Catalog Symbol
•
K__
Applications
The 600 Vac K cable limiters are designed for use on non-residential
277/480, 120/208 and 120/240 volt systems.
Ratings
•
Volts: up to 600 Vac
•
Interrupting rating: 200 kA, RMS Sym.
Agency information
•
UL Listed, File E90818, 600 Vac, 200 kA IR on catalog numbers
CDA-W, CDB-W, KCD, KCJ, KCM, KCM-B, KCR, KDD, KDF, KDJ,
KDM, KDP, KDR, KDU, KEW, KFM, KFT, KHF, KHJ, KHM, KHR
Dimensions — in (mm)
Available terminals
•
Tube-to-tube
•
Tube-to-offset bolt
•
Compression rod-to-tube
•
Center bolt-to-offset bolt
•
Center bolt-to-tube
Conductors
•
Copper or aluminum based upon terminal style and perrmitted
conductor material. See catalog number tables for details
Compression rod-to-tube terminals
•
Copper conductor only
Catalog no.
Copper cable size
A
B
C
D
E
F
G
KEX
4/0 AWG
2.5 (63.5)
3.63 (92.1)
1.75 (44.5)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
0.5 (12.7)
KFH-A
250 kcmil
2.5 (63.5)
3.63 (92.1)
1.88 (47.6)
1.44 (36.5)
0.75 (19.0)
0.28 (15.1)
0.56 (14.3)
KQO
350 kcmil
2.5 (63.5)
3.63 (92.1)
2.0 (50.8)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
0.81 (20.6)
KDT
500 kcmil
2.5 (63.5)
3.08 (78.2)
2.88 (73.0)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
0.81 (20.6)
Dimensions — in (mm)
G
D
F
E
C
B
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com