Electronic Components Datasheet Search
  English  ▼

X  

KCZ Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # KCZ
Description  250 V and 600 V cable limiters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KCZ Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  KCZ Datasheet HTML 1Page - Eaton All Rights Reserved. KCZ Datasheet HTML 2Page - Eaton All Rights Reserved. KCZ Datasheet HTML 3Page - Eaton All Rights Reserved. KCZ Datasheet HTML 4Page - Eaton All Rights Reserved. KCZ Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data 1042
Effective February 2019
Cable limiters
Eaton.com/bussmannseries
Tube-to-offset bolt terminals:
•
Copper or aluminum conductor — see catalog number table for details
Catalog
symbol
Copper
cable size
Aluminum
cable size
A
B
C
D
E
F
G
H
J
KQV
12 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.19 (4.8)
0.125 (3.2)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KQT
10 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.14 (3.6)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KFZ
8 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KIG
6 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDY
4 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDA
2 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDB
1 AWG
—
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDC
1/0 AWG
—
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDD*
2/0 AWG
—
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.56 (14.3)
0.44 (11.1)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDE
3/0 AWG
—
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDF*
4/0 AWG
—
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDH
250 kcmil
—
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDJ*, †
350 kcmil
—
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
3.38 (85.7)
1.06 (27.0)
0.25 (6.4)
1.125 (28.6)
KDM*,†
500 kcmil
—
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
3.38 (85.7)
1.19 (30.2)
0.25 (6.4)
1.63 (41.3)
KDU*
600 kcmil
—
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.16 (29.4)
0.92 (23.4)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
CDB-W*
—
750 kcmil
4.0 (102)
3.08 (78.1)
1.88 (47.6)
1.6 (40.5)
1.03 (26.2)
3.38 (85.7)
1.19 (30.2)
0.25 (6.4)
1.63 (41.3)
KDR*, ††
750 kcmil
—
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
* UL Listed, File E90818, 600 Vac, 200 kA IR.
† Available with molded rubber boot “-B” suffix. Boot can be purchased separately, order Part# - BOOT-KDM
††Available with shrink tube “–V” suffix.
A
C
E
D
B
F
G
H
J
1.63"
(41.3mm)
0.56"
(14.3mm)
0.56"
(14.3mm)
0.125"
(3.18mm)
Bolt
terminal
detail
Dimensions — in (mm)
C
A
F
B
A
0.25"
(6.4mm)
D
0.25"
(6.4mm)
1.63"
(41.3mm)
0.56"
(14.3mm)
0.56"
(14.3mm)
0.125"
(3.18mm)
Bolt
terminal
detail
E
Center bolt-to-offset bolt terminals
•
Copper or aluminum conductor — see catalog number table for details
Catalog no.
Copper cable size
Aluminum cable size
A
B
C
D
E
F
KPF
4/0 AWG
4/0 AWG
3.38 (85.7)
3.63 (92.1)
1.44 (36.5)
1.125 (28.6)
1.125 (28.6)
0.97 (24.6)
KFT*
250 kcmil
250 kcmil
3.38 (85.7)
3.63 (92.1)
1.44 (36.5)
1.125 (28.6)
1.125 (28.6)
0.97 (24.6)
KEW*
350 kcmil
350 kcmil
3.38 (85.7)
3.63 (92.1)
1.63 (41.3)
1.125 (28.6)
1.125 (28.6)
1.06 (27.0)
KDP*
500 kcmil
500 kcmil
3.38 (85.7)
3.08 (78.2)
1.88 (47.6)
1.5 (38.1)
1.63 (41.3)
1.19 (30.2)
KFM*
750 kcmil
750 kcmil
3.50 (88.9)
3.75 (95.3)
2.50 (63.5)
2.0 (50.8)
2.00 (50.8)
1.50 (38.1)
* UL Listed for copper only, File E90818, 600 Vac, 200 kA IR.
Dimensions — in (mm)
Center bolt-to-tube terminals
•
Copper conductor only
Catalog no.
Copper cable size
A
B
C
D
E
F
G
H
KHF*
4/0 AWG
3.38 (85.8)
3.63 (92.2)
1.75 (44.4)
1.44 (36.7)
0.69 (17.5)
0.48 (12.2)
1.13 (28.7)
0.25 (6.3)
KHJ*
350 kcmil
3.38 (85.8)
3.63 (92.2)
2 (50.8)
1.63 (41.4)
0.88 (22.3)
0.7 (17.8)
1.13 (28.7)
0.25 (6.3)
KHM*
500 kcmil
3.38 (85.8)
3.08 (78.2)
2.88 (73.1)
1.88 (47.7)
1.05 (26.7)
0.83 (21.1)
1.13 (28.7)
0.25 (6.3)
KHR*
750 kcmil
3.5 ((88.9)
3.88 (98.5)
3.5 (88.9)
2.5 (63.5)
1.31 (33.3)
1.06 (26.9)
2.0 (50.8)
0.25 (6.3)
* UL Listed for copper only, File E90818, 600 Vac, 200 kA IR.
Dimensions — in (mm)
G
D
F
E
C
B
A
H
1.63 (41.3)
0.56 (14.3)
0.56 (14.3)
0.125 (3.18)
Bolt terminal detail
Ø 0.56 (14.3)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com