Electronic Components Datasheet Search
  English  ▼

X  

TO-263 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # TO-263
Description  N-Channel Power Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

TO-263 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  TO-263 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics TO-263 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics TO-263 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics TO-263 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics TO-263 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics TO-263 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200402
Issued Date : 2004.04.01
Revised Date : 2005.03.10
Page No. : 1/6
H06N60U, H06N60E, H06N60F
HSMC Product Specification
H06N60 Series
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed to
withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• Robust High Voltage Termination
• Avalanc he Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast
Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and V
DS(on) Specified at Elevated Temperature
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
D
Drain to Current (Continuous)
6
A
I
DM
Drain to Current (Pulsed)
24
A
V
GS
Gate-to-Source Voltage (Continue)
±20
V
Total Power Dissipation (T
C=25
oC)
H06N60U (TO-263)
H06N60E (TO-220AB)
H06N60F (TO-220FP)
110
110
40
W
W
W
P
D
Derate above 25
OC
H06N60U (TO-263)
H06N60E (TO-220AB)
H06N60F (TO-220FP)
0.58
0.58
0.33
W/
°C
W/
°C
W/
oC
T
j
Operating Temperature Range
-55 to 150
OC
T
stg
Storage Temperature Range
-55 to 150
OC
E
AS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
OC
(V
DD=100V, VGS=10V, IL=6A, L=10mH, RG=25Ω)
250
mJ
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
Note: 1. VDD=50V, ID=10A
2. Pulse Width and frequency is limited by Tj(max) and thermal response
H06N60 Series Pin Assignment
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
3-Lead Plastic TO-263
Package Code: U
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
1
2
3
Tab
H06N60 Series
Symbol:
G
D
S


Similar Part No. - TO-263

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TO-263 VISHAY-TO-263 Datasheet
104Kb / 6P
N-Channel 100-V (D-S) 175 °C MOSFET
12-Jun-06
logo
Semtech Corporation
TO-263 SEMTECH-TO-263 Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
logo
Continental Device Indi...
TO-263 CDIL-TO-263 Datasheet
415Kb / 3P
TO-263 D PAK SMD Plastic Package Package Outline and Packaging Information
logo
Littelfuse
TO-263 LITTELFUSE-TO-263 Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
ZP Semiconductor
TO-263 ZPSEMI-TO-263 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TO-263

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com