Electronic Components Datasheet Search
  English  ▼

X  

HSP3824 Datasheet(PDF) 39 Page - Harris Corporation

Part # HSP3824
Description  Direct Sequence Spread Spectrum Baseband Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HSP3824 Datasheet(HTML) 39 Page - Harris Corporation

Back Button HSP3824 Datasheet HTML 33Page - Harris Corporation HSP3824 Datasheet HTML 34Page - Harris Corporation HSP3824 Datasheet HTML 35Page - Harris Corporation HSP3824 Datasheet HTML 36Page - Harris Corporation HSP3824 Datasheet HTML 37Page - Harris Corporation HSP3824 Datasheet HTML 38Page - Harris Corporation HSP3824 Datasheet HTML 39Page - Harris Corporation HSP3824 Datasheet HTML 40Page - Harris Corporation HSP3824 Datasheet HTML 41Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
Specifications HSP3824 at 44MHz
Test Circuit
NOTES:
1. Includes Stray and JIG Capacitance
2. Switch S1 Open for ICCSB and ICCOP
FIGURE 22. TEST LOAD CIRCUIT
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Lead Temperature (Soldering 10s) (Lead Tips Only) . . . . . . +300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical)
θ
JA
TQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80oC/W
Package Power Dissipation at 85oC
TQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.81W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25,000 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +3.3V to +5.0V
Operating Temperature Range . . . . . . . . . . . . . . . . . -40oC to +85oC
DC Electrical Specifications
VCC = 3.3V to 5.0V TA = -40
o to +85oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
ICCOP
VCC = Max, CLK Frequency 44MHz
(Notes 1, 2)
-
105
111
mA
See previous DC table for remaining DC specifications
NOTES:
4. Output load 30pF, ICCOP = 5.5 + 4.7(V) + 3.7E - 7 (V)(f); V = Volts, f = Freq. Example: 5.5 + 4.7(5.0) + 3.7E - 7(5.0)(44E6) = 111
5. Not tested, but characterized at initial design and major process/design changes.
AC Electrical Specifications
VCC = 3.3V to 5.0V, TA = -40
o to +85o, (Note 1)
PARAMETER
SYMBOL
44MHz
UNITS
MIN
MAX
CLK Period (MCLK)
tCP
22.5
-
ns
CLK High (MCLK)
tCH
9-
ns
CLK Low (MCLK)
tCL
9-
ns
TXCLK, TXRDY, I, Q from MCLK
tD2
-25
ns
RXCLK, MD_RDY, RXD from MCLK
tD3
-25
ns
TEST 0-7, CCA, AGC, from MCLK
tD4
-27
ns
ANSTEL, TEST_CK
----
See previous AC table for remaining AC specifications
NOTES:
1. AC tests performed with CL = 40pF, IOL = 2mA, and IOH = -1mA. Input reference level all inputs 1.5V. Test VIH = Vcc, VIL = 0V; VOH = VOL
= VCC/2.
EQUIVALENT CIRCUIT
CL
IOH
1.5V
IOL
DUT
S1
±
(NOTE 2)
(NOTE 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com