Electronic Components Datasheet Search
  English  ▼

X  

KMBT4401 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KMBT4401
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMBT4401 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KMBT4401 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMBT4401 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1+0.05
-0.01
MMBT4401 (KMBT4401)
■
Features
●
Ideal for Medium Power Amplification and Switching
●
Complementary PNP Type Available (MMBT4403)
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6.0
V
Collector current
IC
600
mA
Total Device Dissipation Alumina Substrate
PD
300
mW
Thermal Resistance, Junction to Ambient
RθJA
417
℃
/W
Junction and Storage Temperature
TJ, Tstg
-55 to150
℃
NPN Transistors
■
Electrical Characteristics Ta = 25℃
* Pulse test: pulse width ≤ 300 μs, duty cycle ≤ 2.0%.
2X
■
Marking
Marking
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC = 100μA, IE = 0
60
V
Collector-emitter breakdown voltage
V(BR)CEO IC = 1.0 mA, IB = 0
40
V
Emitter-base breakdown voltage
V(BR)EBO IE =100μA, IC = 0
6.0
V
Collector cut-off current
ICBO
VCB=50 V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
DC current gain *
hFE
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 150 mA, VCE = 1.0 V
IC = 500 mA, VCE = 2.0 V
20
40
80
100
40
300
IC = 150 mA, IB = 15 mA
0.4
IC = 500 mA, IB = 50 mA
0.75
IC = 150 mA, IB = 15 mA
0.95
IC = 500 mA, IB = 50 mA
1.2
Transition frequency
fT
IC = 20 mA, VCE = 10 V, f = 100 MHz
250
MHz
Delay time
td
VCC = 30 V, VEB = 2.0 V,
15
ns
Rise time
tr
IC = 150 mA, IB1 = 15 mA
20
ns
Storage time
ts
VCC = 30 V, IC = 150 mA,
225
ns
Fall time
tf
IB1 = IB2 = 15 mA
30
ns
V
V
Collector-emitter saturation voltage *
Base-emitter saturation voltage *
VCE(sat)
VBE(sat)
0.75


Similar Part No. - KMBT4401

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMBT4403 KEXIN-KMBT4403 Datasheet
282Kb / 2P
PNP Transistors
More results

Similar Description - KMBT4401

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com