Electronic Components Datasheet Search
  English  ▼

X  

KMBT4401 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KMBT4401
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMBT4401 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KMBT4401 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMBT4401 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
MMBT4401 (KMBT4401)
www.kexin.com.cn
2
NPN Transistors
■
Typical Characterisitics
10
20
30
40
10
100
0.1
1
10
100
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
100
200
300
400
0.1
1
10
100
10
100
1000
0
0
1
0
1
1
10
100
1000
0
1
1
1
.
0
1
10
100
0
200
400
600
800
1000
1200
0.1
1
10
100
0
1
2
3
4
0
50
100
150
200
250
500
600
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
600
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
Ta =100 ℃
Ta=25℃
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
600
600
Ta=100 ℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
0.5
I
C
h
FE
——
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
VCE= 1V
30
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/VEB
C
ob/Cib
——
Cob
Cib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
—— V
BE
COMMON EMITTER
V
CE=1V
Static Characteristic
COMMON
EMITTER
Ta =25℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.2mA
0.3mA
0.4mA
I
B=0.1mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com