Electronic Components Datasheet Search
  English  ▼

X  

EME07N02A Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EME07N02A
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EME07N02A Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EME07N02A Datasheet HTML 1Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 2Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 3Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 4Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 5Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
2016/2/25 
p.4 
EME07N02A
Body Diode Forw ard Voltage Variation
with Source Current and Tem perature
25°C
T   = 125°C
V   ‐ Body Diode Forw ard Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0.8
1.2
1.0
1.5
1.4
0.7
-50
-25
0
25
50
75
100
125
150
TJ, Junction Temperature(°C)
ID= 18A
VGS= 4.5V
On‐Resistance Variation with Temperature
0.9
1.1
1.3
0
20
40
60
80
100
6.0
5.0
4.0
3.0
2.0
1.0
VGS, Gate‐Source Voltage( V )
VDS= 5V
TA= -55°C
125°C
25°C
Transfer  Characteristics
100
80
60
40
20
0
0
0.5
1.5
2.0
3.0
VGS = 4.5V
2.5V
1.8V
VDS, Drain‐Source Voltage( V )
 On‐Region Characteristics
1.0
2.5
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0
10
20
30
40
50
VGS = 1.8V
2.5V
4.5V
ID, Drain Current( A )
 On‐Resistance Variation with
 Drain Current and Gate Voltage
0.025
0.020
0.010
0.015
0.005
0
01.25
2.50
3.75
5.00
VGS, Gate‐Source Voltage( V )
On‐Resistance Variation with Gate‐Source Voltage
ID=10A
TA= 125°C
TA= 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com