Electronic Components Datasheet Search
  English  ▼

X  

EME07N02A Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EME07N02A
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EME07N02A Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EME07N02A Datasheet HTML 1Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 2Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 3Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 4Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 5Page - Excelliance MOS Corp. EME07N02A Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
2016/2/25 
p.1 
EME07N02A
G
D
S
N‐Channel Logic Level Enhancement Mode Field Effect Transistor
 
Product Summary: 
BVDSS 
15V 
RDSON (MAX.) 
7mΩ 
ID 
65A 
 
UIS, Rg 100% Tested 
Pb‐Free Lead Plating & Halogen Free 
 
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted) 
PARAMETERS/TEST CONDITIONS 
SYMBOL 
LIMITS 
UNIT 
Gate‐Source Voltage 
VGS 
±8 
V 
Continuous Drain Current 
TC = 25 °C 
ID 
65 
A 
TC = 100 °C 
41 
Pulsed Drain Current
1 
IDM 
160 
Avalanche Current 
IAS 
35  
Avalanche Energy 
L = 0.1mH, ID=35A, RG=25Ω 
EAS 
61.25 
mJ 
Power Dissipation 
TC = 25 °C 
PD 
50 
W 
TC = 100 °C 
20 
Operating Junction & Storage Temperature Range 
Tj, Tstg ‐55 to 150 
°C 
100% UIS testing in condition of VD=15V, L=0.1mH, VG=10V, IL=20A, Rated VDS=15V N-CH 
 
 
THERMAL RESISTANCE RATINGS 
THERMAL RESISTANCE 
SYMBOL 
TYPICAL 
MAXIMUM 
UNIT 
Junction‐to‐Case 
RJC 
 
2.5 
°C / W 
Junction‐to‐Ambient
3 
RJA 
 
75 
1Pulse width limited by maximum junction temperature. 
2Duty cycle  1% 
375°C / W when mounted on a 1 in2 pad of 2 oz copper. 
 


Similar Part No. - EME07N02A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EME05 XPPOWER-EME05 Datasheet
665Kb / 4P
AC-DC Power Supplies
EME05US03 XPPOWER-EME05US03 Datasheet
665Kb / 4P
AC-DC Power Supplies
EME05US05 XPPOWER-EME05US05 Datasheet
665Kb / 4P
AC-DC Power Supplies
EME05US09 XPPOWER-EME05US09 Datasheet
665Kb / 4P
AC-DC Power Supplies
EME05US12 XPPOWER-EME05US12 Datasheet
665Kb / 4P
AC-DC Power Supplies
More results

Similar Description - EME07N02A

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMD06N10E EXCELLIANCE-EMD06N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD06N80F EXCELLIANCE-EMD06N80F Datasheet
173Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N10E EXCELLIANCE-EMD08N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N80F EXCELLIANCE-EMD08N80F Datasheet
172Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N06A EXCELLIANCE-EMD12N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N10H EXCELLIANCE-EMD12N10H Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N60F EXCELLIANCE-EMD12N60F Datasheet
169Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com