Electronic Components Datasheet Search
  English  ▼

X  

EMF14N02A Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EMF14N02A
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF14N02A Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EMF14N02A Datasheet HTML 1Page - Excelliance MOS Corp. EMF14N02A Datasheet HTML 2Page - Excelliance MOS Corp. EMF14N02A Datasheet HTML 3Page - Excelliance MOS Corp. EMF14N02A Datasheet HTML 4Page - Excelliance MOS Corp. EMF14N02A Datasheet HTML 5Page - Excelliance MOS Corp. EMF14N02A Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
2014/11/25 
p.2 
EMF14N02A
ELECTRICAL CHARACTERISTICS (TA = 25 °C, Unless Otherwise Noted) 
PARAMETER 
SYMBOL
TEST CONDITIONS 
LIMITS 
UNIT
MIN  TYP
MAX
STATIC 
Drain‐Source Breakdown Voltage 
V(BR)DSS 
VGS = 0V, ID = 250A 
20  
 
V 
Gate Threshold Voltage 
VGS(th) 
VDS = VGS, ID = 250A 
0.45  0.75
1.2 
Gate‐Body Leakage 
IGSS 
VDS = 0V, VGS = ±12V  
 
±100
nA
Zero Gate Voltage Drain Current 
IDSS 
VDS = 16V, VGS = 0V  
 
1 
A
VDS = 16V, VGS = 0V, TJ = 125 °C  
 
10 
On‐State Drain Current
1 
ID(ON) 
VDS = 5V, VGS = 4.5V 
48  
 
A 
Drain‐Source On‐State Resistance
1 
RDS(ON) 
VGS = 4.5V, ID = 18A  
10
13.5
mΩ
VGS = 2.5V, ID = 9A  
12
20 
Forward Transconductance
1 
gfs 
VDS = 5V, ID = 18A  
7  
S 
DYNAMIC 
Input Capacitance 
Ciss  
VGS = 0V, VDS = 10V, f = 1MHz 
 
1095
 
pF
Output Capacitance 
Coss  
185
 
Reverse Transfer Capacitance  
Crss  
164
 
Total Gate Charge
1,2 
Qg  
VDS = 10V, VGS = 4.5V, 
ID = 18A 
 
14.7
 
nC
Gate‐Source Charge
1,2 
Qgs  
1.9
 
Gate‐Drain Charge
1,2 
Qgd  
4.7
 
Turn‐On Delay Time
1,2 
td(on)  
 
15
 
nS
Rise Time
1,2 
tr 
VDS = 10V,  
 
18
 
Turn‐Off Delay Time
1,2 
td(off) 
ID = 1A, VGS = 4.5V, RGS = 6Ω 
 
35
 
Fall Time
1,2 
tf  
 
20
 
SOURCE‐DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C) 
Continuous Current 
IS  
 
 
22 
A 
Forward Voltage
1 
VSD 
IF = IS, VGS = 0V  
 
1.3 
V 
Reverse Recovery Time  
trr  
 
35
 
nS
Reverse Recovery Charge 
Qrr  
42
 
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%. 
2Independent of operating temperature. 
3Pulse width limited by maximum junction temperature. 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com