Electronic Components Datasheet Search
  English  ▼

X  

AT76C712 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT76C712
Description  High-speed (48 MHz) AVR- based Bridging Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C712 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT76C712 Datasheet HTML 1Page - ATMEL Corporation AT76C712 Datasheet HTML 2Page - ATMEL Corporation AT76C712 Datasheet HTML 3Page - ATMEL Corporation AT76C712 Datasheet HTML 4Page - ATMEL Corporation AT76C712 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5635AS–USB–12/04
Features
• Advanced RISC Architecture, 130 Powerful Instructions, Most Single Clock Cycle
Execution
• JTAG (IEEE Std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
• Clock Generator Provides CPU Rates up to 48MHz
• Only One External Clock Crystal of 12 MHz Can Generate All the Required System
Clocks:
– Internal Clock for Standard UART Rates
– A 48 MHz and 96 MHz Clock for USB Data Recovery
– AVR Processor and System Clock
– Full-speed USB Interface (12 Mbits per Second) 2.0 Compliant
• Two On-chip 16550 UARTs Supporting Baud Rates up to 921 Kbaud
– Both UARTs Incorporate individual Transmit and Receive FIFOs of 16 Bytes
– UART0 Supports Modem Control Signals
– Programmable SPI Interface
• On-chip Bootstrap ROM Provides a Variety of Firmware Upgrade Modes
– Device Firmware Upgrade Through USB for the internal Program SRAM (No
External Non-volatile SPI Memory Required)
– Device Firmware Upgrade Through USB for both the Internal Program SRAM and
the External SPI DataFlash® or EEPROM
– SPI Program Mode from the External DataFlash or EEPROM
• DMA Channels Allow Fast Data Transfers between Endpoint Buffers and Internal or
External SRAM (DMA Transfer Rate is 12 MHz for All Channels)
• 8K x 16 bits (up to 11K x 16 bits), In-System SRAM for Program Code (Program
Memory)
• On-Chip 8 Kbytes SRAM for Data and Variables ( 2, 4, and 8 Kbytes can be Remapped
for Program Storage in the Address Area Above the Program Memory)
• Two 8-bit Timer/Counters
• One 16-bit Timer/Counter
• Two External interrupts Through GPIOs
• Programmable Watchdog Timer
• Low voltage operation:
– 1.8V for the Core
– 1.8V or 3.3V for the Periphery
–3.3V for the USB
• Low cost 64-pin TQFP Package, Suitable for USB-to-UART Bridge Applications
High-speed
(48 MHz)
AVR®- based
Bridging Device
AT76C712
Summary


Similar Part No. - AT76C712

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C713 ATMEL-AT76C713 Datasheet
59Kb / 4P
High-speed (48 MHz) AVR Microcontroller with USB Interface
AT76C713 ATMEL-AT76C713_04 Datasheet
99Kb / 2P
USB BRIDGE CONTROLLER
More results

Similar Description - AT76C712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LVT22V10 PHILIPS-LVT22V10 Datasheet
185Kb / 20P
3V high speed, universal PLD device
1998 Feb 10
logo
ATMEL Corporation
AT76C713 ATMEL-AT76C713 Datasheet
59Kb / 4P
High-speed (48 MHz) AVR Microcontroller with USB Interface
logo
Oxford Semiconductor
9160 OXFORD-9160 Datasheet
55Kb / 2P
Simple PCI Bridging
CF950 OXFORD-CF950 Datasheet
61Kb / 2P
Mobile Data Bridging
logo
Filtran LTD
TPA4499 FILTRAN-TPA4499 Datasheet
29Kb / 1P
Audio Bridging Transformer
TEW6140 FILTRAN-TEW6140 Datasheet
22Kb / 1P
Audio Bridging Transformer
logo
ATMEL Corporation
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
API Technologies Corp
TEW5564 APITECH-TEW5564 Datasheet
562Kb / 1P
Isolation/Bridging Transformer
logo
Hubbell Incorporated.
BR851B HUBBELL-BR851B Datasheet
245Kb / 1P
Bridging Y Adapter
logo
Shenzhen Huazhimei Semi...
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
high-speed CMOS device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com