Electronic Components Datasheet Search
  English  ▼

X  

AT76C712 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT76C712
Description  High-speed (48 MHz) AVR- based Bridging Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C712 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT76C712 Datasheet HTML 1Page - ATMEL Corporation AT76C712 Datasheet HTML 2Page - ATMEL Corporation AT76C712 Datasheet HTML 3Page - ATMEL Corporation AT76C712 Datasheet HTML 4Page - ATMEL Corporation AT76C712 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AT76C712
5635AS–USB–12/04
Overview
Atmel’s AT76C712 is a low-power USB peripheral that can connect various types of
devices to a common USB port.
•
The device is based on the AVR-enhanced RISC architecture core, which combines
an advanced instruction set with 32 general-purpose working registers. By
executing powerful instructions in a single clock cycle, the AT76C712 achieves
throughputs approaching 1MIPS per MHz, allowing the system designer to optimize
power consumption versus processing speed
•
The clock generation circuit requires a clock input of 12 MHz and provides standard
clock rates for the USB module and the on-chip UARTs, as well as several AVR
CPU rates varying from 16 MHz up to 48 MHz
•
Internal DMA channels allow fast data transfers between the USB buffers and the
external and on-chip memory without processor interruption. USB DMA transfers
use devoted data paths with a 12 Mbytes transfer rate
•
An on-chip flexible memory controller allows dynamic memory mapping and
provides the required timing for interfacing with slow or fast external memory
devices, like SRAM or FIFOs
•
Twenty-five multipurpose I/O pins provide the signals for the external interfaces. The
device also offers two external interrupts, a programmable Watchdog Timer, flexible
timer/counters with compare modes, and the support of various power-down modes
•
On power-up, the bootstrap code is executed from the boot ROM. The purpose of
the bootstrap code is to load the application code into the program memory. The
application code is executed from the on-chip SRAM program memory contributing
to the low-power consumption. Different programming modes are supported
depending on the application (that is, the mode is selected externally by the
PMODE0 and PMODE1 pins)
•
In the slave programming mode, an external system (that is, the Host), operating as
SPI master, can transfer the program image in a raw format to the program memory
of the device. In this case, the device operates as an SPI slave and starts running
from the internal boot ROM code, which switches to the start of program memory
when it detects the end of a valid program transfer from the Host to the AT76C712
(see the “Slave Programmming Mode” on page 9)
•
In a master programming mode, the AT76C712 reads the whole program image
from an external SPI EEPROM or DataFlash and switches to the start of program
memory when it completes the reading (see the “Master Programming Modes” on
page 10). Alternatively, the AT76C712 reads only configuration parameters from a
small serial non-volatile memory (EEPROM or DataFlash), enables the USB
Controller, and executes the USB Device Firmware Upgrade (DFU) code that is
stored in the boot ROM
•
The USB Controller consists of a Serial Interface Engine (SIE), a Function Interface
Unit (FIU), and a System Interface (SI). The SIE performs bit processing, line
coding, packet generation and packet type recognition, serial-parallel data
conversion, and packet delineation. The FIU consists of a protocol engine and a
USB device with one Control Endpoint (EP0) and seven programmable Endpoints
with up to 512 bytes maximum total size. All Endpoints support double buffering in
order to provide the maximum performance specified for the USB
•
The device supports two 16550 UART modules with 16 bytes FIFOs in each
direction. UART0 serial interface provides full modem control functionality with the
RTS/CTS, DTR/DSR, RI, and CD signals. These signals are provided by the
general-purpose I/O pins of PORTD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com