Electronic Components Datasheet Search
  English  ▼

X  

TP4323 Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4323
Description  Synchronized small volume mobile power supply with flashlight SOC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4323 Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4323 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4323 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4323 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4323 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4323 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP4323
带手电筒同步小体积移动电源 SOC
Ver2.1
Shenzhen TPOWER Semiconductor
2
管脚
ESOP8L
管脚描述
管脚号
管脚名称
描述
1
SW
开关端
2
LIT
NMOS 开漏手电筒照明输出端,可以驱动 100mA 的 LED 灯用于手电筒照明
3
OUTN
输出电压负极
4
VDD
充电输入电压正极
5
BAT
锂离子电池正极
6
LED
充电与放电状态指示端,外接指示 LED,充电时 LED 以 1Hz 频率闪烁,电池
充饱后 LED 常亮,放电过程 LED 常亮
7
SWT
手电筒和电量指示使能端,接按键到地,短按按键显示电量,长按按键 1.5S 手
电筒打开或关闭
8
OUTP
升压输出正极端以及输出电压采样端
Exposed
PAD
GND
芯片地,此散热片须与 PCB 有良好焊接
定购信息
封装
定购型号
包装形式
产品正印
ESOP8L
TP4323
Tape and Reel
TP4323



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com