Electronic Components Datasheet Search
  English  ▼

X  

TC3773CS Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC3773CS
Description  Low Power Offline Constant Current / Constant Voltage PSR Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC3773CS Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC3773CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC3773CS 文件编号:S&CIC1494)
低功耗离线式恒流/恒压 PSR 控制器
www.superchip.cn
第
1 页共 5 页
Version 1.0
概述
TC3773CS 是一种高性能的交流/直流用于电池充电器和适配器的电源控制器,内置 VCBO800V 功率三极管。该设
备采用脉冲频率调制(
PFM)的方法来建立非连续导通模式(DCM)反激式电源。
TC3773CS 提供精确的恒定电压,恒定电流(CV / CC)不需要光耦合器和二次控制电路调节。它也消除了环
路补偿电路的需要,同时保持良好的稳定性。
TC3773CS 可以实现良好的调节和较高的平均效率,满足空载损耗小
于
75mW。
TC3773CS 有一个专有的输出电缆压降补偿功能,即输出线损补偿,线损补偿量可通过调节 FB 分压电阻阻值
来调节,最大补偿量是输出电压的
12%,可以有效补偿输出电流在输出线上的损耗压降。
特点
原边反馈控制高精度恒流、恒压
75mW 待机功耗
内置
850V 三极管(TC3773A)
及
900V 三极管(TC3773B)
可调电压下降补偿
恒流变化下,可调直流线补偿
随机频率抖动调制减少系统电磁干扰
开路保护
过压保护
短路保护
过温保护
可调节线损补偿
封装形式:
SOP-7
应用
手机、无绳电话、
PDA、MP3 和其他便携式设备
等的适配器、电池充电器。
LED 驱动电流
线性电源和
RCC 开关电源升级换代的最佳选择
备用供电电源等
引脚示意图及说明
1
2
3
4
5
6
7
FB
CS
VCC
E
C
C
GND
SOP-7
序号
名称
引脚说明
1FB
采样电压
2CS
电流检测引脚
3VCC
电源
4E
内部三极管发射极
5、6
C
内部三极管集电极
7GND
地


Similar Part No. - TC3773CS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC377TP96F300SAAKXUMA1 INFINEON-TC377TP96F300SAAKXUMA1 Datasheet
10Mb / 337P
32-Bit Single-Chip Microcontroller AA-Step
V 1.0, 2020-01
More results

Similar Description - TC3773CS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com