Electronic Components Datasheet Search
  English  ▼

X  

TC3773CS Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC3773CS
Description  Low Power Offline Constant Current / Constant Voltage PSR Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC3773CS Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC3773CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3773CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC3773CS 文件编号:S&CIC1494)
低功耗离线式恒流/恒压 PSR 控制器
www.superchip.cn
第
3 页共 5 页
Version 1.0
典型应用电路图
R5
1.7R
R1
1.5M
R6
24K1%
R2
1.5M
R7
12.5K1%
R8
2K
FR1
10R/1W
0
L
0
N
C1
4.7uF/400V
C2
4.7uF/400V
C5
470uF/10V
C4
4.2uF/50V
D3
SS34
D2 FR107
L1
1mH
+5V/800mA
GND
3
4
B
2
1A
AC
2
AC
3
V+
1
V-
4
BD1
MB10F
CY1
101/400Vac
HV
HV
1
2
45
7
36
U1
R3
200K
C3
102/200V
D1
FR107
R4
100R
C6
470uF/10V
典型性能特性



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com