Electronic Components Datasheet Search
  English  ▼

X  

78L05AC Datasheet(PDF) 1 Page - Silicon Supplies

Part # 78L05AC
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

78L05AC Datasheet(HTML) 1 Page - Silicon Supplies

  78L05AC Datasheet HTML 1Page - Silicon Supplies 78L05AC Datasheet HTML 2Page - Silicon Supplies 78L05AC Datasheet HTML 3Page - Silicon Supplies 78L05AC Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear Voltage Regulator – 78L05AC
Positive Fixed 5V Voltage Regulator in bare die form
±5% VOUT tolerance over entire temperature range
 
Die Size (Unsawn)
1000 x 1200
39.37 x 47.24
µm
mils
Minimum Bond Pad Size
110 x 105
4.33 x 4.13
µm
mils
Die Thickness
280 (±20)
11 (±0.8)
µm
mils
Top Metal Composition
Al 1%Si 1.4µm
Back Metal Composition
N/A – Bare Si
100mA Output Current
Internal thermal overload protection
Internal short circuit current limit
Full Military Temperature Range
Negative Voltage complement is 79L05AC
Rev 1.1
20/12/17
Description
Features:
The 78L05AC is a 5V fixed 3-terminal voltage regulator
delivering up to 100mA of output current and equipped
with internal limiting + thermal shutdown features for
overload immunity. Implementing this device at point-
of-source removes the complexity of single point
regulation methods with reduced noise. Used in
replacement of a Zener diode/resistor combination, the
device improves output impedance by x2 order of
magnitude and delivers lower bias current with lower
noise. The device can also be used with power-pass
elements to make high-current voltage regulators
.
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-PRF-883 /2010B Visual Inspection
+ MIL-STD-38534 Class H LAT
“K” - MIL-PRF-883 /2010A Visual Inspection (Space)
+ MIL-STD-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Die Dimensions in µm (mils)
1000 (39)
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
With Ti/Ni/Ag Back Metal – On request
In Metal or Ceramic package – On request
Page 1 of 4
www.siliconsupplies.com


Similar Part No. - 78L05AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L05AC ETC1-78L05AC Datasheet
84Kb / 7P
The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
logo
Silicon Supplies
78L05AC SS-78L05AC Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05AC SS-78L05AC Datasheet
282Kb / 4P
Linear Voltage Regulator
Rev 1.0 06/07/22
logo
List of Unclassifed Man...
78L05ACD ETC-78L05ACD Datasheet
81Kb / 7P
Three-Terminal Low Current Positive Voltage Regulators
78L05ACD ETC1-78L05ACD Datasheet
84Kb / 7P
The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - 78L05AC

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com