Electronic Components Datasheet Search
  English  ▼

X  

78L05AC Datasheet(PDF) 2 Page - Silicon Supplies

Part # 78L05AC
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

78L05AC Datasheet(HTML) 2 Page - Silicon Supplies

  78L05AC Datasheet HTML 1Page - Silicon Supplies 78L05AC Datasheet HTML 2Page - Silicon Supplies 78L05AC Datasheet HTML 3Page - Silicon Supplies 78L05AC Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Linear Voltage Regulator – 78L05AC
Rev 1.1
20/12/17
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
VIN
312
407
2
VOUT
30
410
3
GND
-412
-508
CONNECT CHIP BACK TO GND
Pad Layout and Functions
Typical Application
VOUT
78L05AC
CI
0.33µf
CO
0.1µf
VIN
CI is required if the regulator is located an appreciable distance from power supply filter. CO is not required
for stability; however it does improve transient response. For optimum stability and transient response locate
CI CO as close as possible to the regulator.
2
3
1
1000µm (39.37 mils)
(0,0)
2
1
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com