Electronic Components Datasheet Search
  English  ▼

X  

TP6002 Datasheet(PDF) 7 Page - 3PEAK INC.

Part # TP6002
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6002 Datasheet(HTML) 7 Page - 3PEAK INC.

Back Button TP6002 Datasheet HTML 3Page - 3PEAK INC. TP6002 Datasheet HTML 4Page - 3PEAK INC. TP6002 Datasheet HTML 5Page - 3PEAK INC. TP6002 Datasheet HTML 6Page - 3PEAK INC. TP6002 Datasheet HTML 7Page - 3PEAK INC. TP6002 Datasheet HTML 8Page - 3PEAK INC. TP6002 Datasheet HTML 9Page - 3PEAK INC. TP6002 Datasheet HTML 10Page - 3PEAK INC. TP6002 Datasheet HTML 11Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
7 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Figure 7. CMRR vs. Frequency
Figure 8. CMRR vs. Temperature
Figure 9. PSRR vs. Frequency
Figure 10. PSRR vs. Temperature
Figure 11. Input Voltage Noise Spectral Density
Figure 12. 0.1 Hz to 10 Hz Input Voltage Noise
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
Frequency(Hz)
0
20
40
60
80
100
120
140
-50
0
50
100
150
Temperature(
℃)
-20
0
20
40
60
80
100
120
0.1
10
1k
100k
Frequency(Hz)
PSRR+
PSRR-
0
20
40
60
80
100
120
-50
0
50
100
150
Temperature(
℃)
1
10
100
1000
1
10
100
1k
10k
100k
1M
Frequency(Hz)
Time (1s/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com