Electronic Components Datasheet Search
  English  ▼

X  

TP6002 Datasheet(PDF) 10 Page - 3PEAK INC.

Part # TP6002
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6002 Datasheet(HTML) 10 Page - 3PEAK INC.

Back Button TP6002 Datasheet HTML 6Page - 3PEAK INC. TP6002 Datasheet HTML 7Page - 3PEAK INC. TP6002 Datasheet HTML 8Page - 3PEAK INC. TP6002 Datasheet HTML 9Page - 3PEAK INC. TP6002 Datasheet HTML 10Page - 3PEAK INC. TP6002 Datasheet HTML 11Page - 3PEAK INC. TP6002 Datasheet HTML 12Page - 3PEAK INC. TP6002 Datasheet HTML 13Page - 3PEAK INC. TP6002 Datasheet HTML 14Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
10 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Tape and Reel Information
Order Number
Package
D1
W1
A0
B0
K0
P0
W0
Pin1
Quadrant
TP6001-TR
5-Pin SOT23
180.0
13.1
3.2
3.2
1.4
4.0
8.0
Q3
TP6002-SR
8-Pin SOIC
330.0
17.6
6.4
5.4
2.1
8.0
12.0
Q1
TP6002-VR
8-Pin MSOP
330.0
17.6
5.2
3.3
1.5
8.0
12.0
Q1
TP6002-TSR
8-Pin TSSOP
330.0
17.6
6.8
3.3
1.2
8.0
12.0
Q1
TP6004-SR
14-Pin SOIC
330.0
21.6
6.5
9.0
2.1
8.0
16.0
Q1
TP6004-TR
14-Pin TSSOP
330.0
17.6
6.8
5.4
1.2
8.0
12.0
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com