Electronic Components Datasheet Search
  English  ▼

X  

TPF140 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TPF140
Description  Full-HD Composite Video Filter Driver With Disable Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF140 Datasheet(HTML) 1 Page - 3PEAK INC.

  TPF140 Datasheet HTML 1Page - 3PEAK INC. TPF140 Datasheet HTML 2Page - 3PEAK INC. TPF140 Datasheet HTML 3Page - 3PEAK INC. TPF140 Datasheet HTML 4Page - 3PEAK INC. TPF140 Datasheet HTML 5Page - 3PEAK INC. TPF140 Datasheet HTML 6Page - 3PEAK INC. TPF140 Datasheet HTML 7Page - 3PEAK INC. TPF140 Datasheet HTML 8Page - 3PEAK INC. TPF140 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPF140
Full-HD Composite Video Filter Driver With Disable Function
Rev. A
www.3peakic.com
©2013 3PEAK INCORPORATED
Features
Single FHD Video Filter Support HDCVI-1080p
/1080i/720p, VGA/SVGA/XGA
Optimized 6th-order Butterworth Video reconstruction
filter:
FHD Channel: -3dB ≥ 72MHz
Support Multiple Input Biasing:
-
Provide 80-mV Level-Shift when DC-Coupled
-
Transparent Input Clamping when AC-Coupled
-
Support External DC Biasing when AC-Coupled
Very Low Quiescent Current: 11.5 mA(at 3.3V, Typical)
6dB Gain(2V/V), Rail TO Rail Output
AC- or DC-Coupled Output Driving Dual Video Loads
(75Ω)
Wide Power Supply: +3.0V to +5.5V Single Supply
Robust ESD Protection:
-
Robust 8kV – HBM and 2kV – CDM ESD Rating
Green Product, SOT23-6 Package
Applications
Video Signal Amplification
Set-Top Box Video Driver
PVR、DVD Player Video Buffer
Video Buffer for Portable or USB-Powered Video
Devices
HDTV
Description
TPF140 is a specially designed for consumer applications,
high-performance, low-cost video reconstruction filter, it
combine excellent video performance and low power
consumption perfectly. It incorporates one Full high-definition
(FHD) filter channels. The filter feature sixth-order
Butterworth characteristics that are useful as digital-to-analog
converter (DAC) reconstruction filters or as analog-to-digital
converter (ADC) anti-aliasing filters. The FHD filters can be
bypassed to support filters. The FHD filters can be bypassed
to support 1080p60 video or up to quad extended graphics
array (QXGA) RGB video.
As part of the TP140 flexibility, the input can be configured
for ac- or dc-coupled inputs. The 84-mV output level shift
allows for a full sync dynamic range at the output with 0-V
input. The ac-coupled modes include a transparent sync-tip
clamp option for Y', and G'B'R' signals. AC- coupled biasing
for C'/P'B/P'R channels can easily be achieved by adding an
external resistor to VS+.
The TP140 rail-to-rail output stage with 6-dB gain allows for
both ac and dc line driving. The ability to drive two lines, or
75-Ω loads, allows for maximum flexibility as a video line
driver. The 11.5-mA total quiescent current at 3.3 V makes it
an excellent choice for power-sensitive video applications.
TPF140 is available in SOT23-6 package. Its operation
temperature range is from −40°C to +85°C.
Related Resources
AN-1201: Application notes of TPF1xx
Function Block
Figure 1.


Similar Part No. - TPF140

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPF140R 3PEAK-TPF140R Datasheet
350Kb / 10P
Full-HD Composite Video Filter Driver With Shutdown Function
TPF140R-TR 3PEAK-TPF140R-TR Datasheet
350Kb / 10P
Full-HD Composite Video Filter Driver With Shutdown Function
More results

Similar Description - TPF140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
3PEAK INC.
TPF130 3PEAK-TPF130 Datasheet
517Kb / 9P
36M HD Composite Video Filter Driver With Shutdown Function
TPF131 3PEAK-TPF131 Datasheet
331Kb / 8P
36M HD Composite Video Filter Driver
TPF140R 3PEAK-TPF140R Datasheet
350Kb / 10P
Full-HD Composite Video Filter Driver With Shutdown Function
TPF141 3PEAK-TPF141 Datasheet
352Kb / 10P
Full-HD Composite Video Filter Driver
TPF142 3PEAK-TPF142 Datasheet
382Kb / 13P
One CVBS and One Full-HD Composite Video Filter Driver
TPF1441 3PEAK-TPF1441 Datasheet
857Kb / 12P
72M HD Composite Video Filter Driver with Comparator
TPF1441C 3PEAK-TPF1441C Datasheet
1Mb / 13P
72M HD Composite Video Filter Driver with Clamped input Comparator
TPF1441NC 3PEAK-TPF1441NC Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com